Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

19513T Datasheet (PDF) - Alpha Wire

19513T Datasheet PDF - Alpha Wire
Part # 19513T
Download  19513T Download
File Size   98.4 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

19513T Datasheet (PDF)

Go To PDF Page Download Datasheet
19513T Datasheet PDF - Alpha Wire

Part # 19513T
Download  19513T Click to download

File Size   98.4 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

19513T Datasheet (HTML) - Alpha Wire


19513T Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 18 (41/34) AWG BC 0.047
b) Insulation 0.016" Wall, Nom. PVC 0.079
(1) Color(s)
Cond Color Cond Color Cond Color
1 BLACK 2 WHITE 3
GREEN/YELLOW
2) Cable Assembly 3 Components Cabled
a) Twists: 6.9 Twists/foot (min)
3) Jacket 0.032" Wall, Nom.,PVC 0.241+/- 0.011
a) Color(s) Slate, Black
b) Jacket Separator Tissue Tape, 25% Overlap, Min.
c) Print
ALPHA WIRE-* P/N 1951/3T 3C 18 AWG (0.825mm2)
(UL) C(UL) TYPE SVT 105C 300V FT2
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 19513T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1951 ETC2-1951 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Greenlee Communications
1951 GREENLEE-1951 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Keystone Electronics Co...
1951 KEYSTONE-1951 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Adafruit Industries
1951 ADAFRUIT-1951 Datasheet
92Kb / 2P
Premium Female/Female Jumper Wires - 20 x 3" (75mm)
logo
Alpha Wire
1951-3 ALPHAWIRE-1951-3 Datasheet
408Kb / 4P
18 (41/34) AWG BC
More results


Similar Description - 19513T

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com