| Manufacturer | Part # | Datasheet | Description |
 Adam Technologies, Inc. |
MMI-M0FGXXSXXB-IP67
|
132Kb / 1P |
PUSH-PULL CONNECTOR FEMALE PLUG, METAL, SIZE 0, SOLDER TERMINAL, BEND RELIEF TYPE, IP67
|
|
MMI-M0PGXXSXX-IP67
|
134Kb / 1P |
PUSH-PULL CONNECTOR MALE PLUG, METAL, SIZE 0, SOLDER TERMINAL, IP67
|
|
MMI-M0PRXXXSXX
|
134Kb / 1P |
PUSH-PULL CONNECTOR MALE PLUG, METAL, SIZE 0, RIGHT ANGLE, SOLDER TERMINAL, IP50
|
|
MMI-M1FGXXSXX-IP67
|
145Kb / 1P |
PUSH-PULL CONNECTOR FEMALE PLUG, METAL, SIZE 1, SOLDER TERMINAL, IP67
|
|
MMI-M1FGXXSXXB
|
145Kb / 1P |
PUSH-PULL CONNECTOR FEMALE PLUG, METAL, SIZE 1, SOLDER TERMINAL, BEND RELIEF TYPE, IP67
|
|
MMI-M1PGXXSXXB-IP67
|
151Kb / 1P |
PUSH-PULL CONNECTOR MALE PLUG, METAL, SIZE 1, SOLDER TERMINAL, BEND RELIEF TYPE, IP67
|
|
MMI-M1PXXXSXX
|
147Kb / 1P |
PUSH-PULL CONNECTOR MALE PLUG, METAL, SIZE 1, SOLDER TERMINAL, IP50
|
|
MMI-M0RSGXXS-IP67
|
131Kb / 1P |
PUSH-PULL SOCKET, VERTICAL, SIZE 0, METAL BODY, FRONT PANEL MOUNT, SOLDER TERMINAL, IP67
|
|
MMI-M1FGXXSXXB-IP67
|
139Kb / 1P |
PUSH-PULL CONNECTOR FEMALE PLUG, METAL, SIZE 1, SOLDER TERMINAL, BEND RELIEF TYPE, IP67
|
|
MMI-M1PGXXSXX-IP67
|
143Kb / 1P |
PUSH-PULL CONNECTOR MALE PLUG, METAL, SIZE 1, SOLDER TERMINAL, IP67
|