Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL0939 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL0939 Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL0939
Download  BL0939 Download
File Size   17.45 Kbytes
Page   1 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Lowest power clock inside.

BL0939 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL0939 Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL0939
Download  BL0939 Click to download

File Size   17.45 Kbytes
Page   1 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Lowest power clock inside.

BL0939 Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL0939 Product details

GENERAL DESCRIPTION
BL0939 is an ASIC designed for multi-fee meter that can
be applicable to electronic and mechanical meter. With special
programmer, it can provide multi-fee function required in the
electro-energy measure system. Clock initialization and period
set can be done before leaving factory or when the meter
installed. It’s clock and period can be read or reset only when
the meter taken down, so it’s easy to encrypt. The specially
designed low-power clock circuit assures that BL0939 will run

●Outputs four control signal.
●Four time points be set in random.
●Initialization clock and period can be
displayed on the programmer.
●I2C Bus Interface.
●Periods shifting display.
●Working according to the period set.
●24-hour time display.
●Time accuracy to ±0.5 second per day.
●Operating ambient temperature range from –
40 to 85℃.
●Minimal programmable period 30 min.
●Period control accuracy to 1min.
●Output control pulse with 5V /10mA.
●Keeping voltage: 2.7V to 6.0V.
●Low supply current under 1uA when power off.




Similar Part No. - BL0939

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL0930 BELLING-BL0930 Datasheet
393Kb / 10P
BL0930
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
Single Phase Energy Meter IC with Integrated Oscillator
BL0932B BELLING-BL0932B Datasheet
481Kb / 9P
BL0932B
BL0937 BELLING-BL0937 Datasheet
411Kb / 7P
Single Phase Energy Meter IC with Integrated Oscillator for Socket
V1.02
More results


Similar Description - BL0939

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
logo
ATMEL Corporation
ATF22LV10CQZ ATMEL-ATF22LV10CQZ_14 Datasheet
1Mb / 19P
Lowest Power in Its Class
ATF22LV10CZ ATMEL-ATF22LV10CZ_14 Datasheet
1Mb / 19P
Lowest Power in Its Class
logo
Xilinx, Inc
DS023 XILINX-DS023 Datasheet
77Kb / 8P
Lowest power 32 macrocell CPLD
XCR3128XL XILINX-XCR3128XL Datasheet
91Kb / 10P
Lowest power 128 macrocell CPLD
XCR3384XL XILINX-XCR3384XL Datasheet
99Kb / 12P
Lowest power 384 macrocell CPLD
XCR3512XL XILINX-XCR3512XL Datasheet
101Kb / 14P
Lowest power 512 macrocell CPLD
logo
API Technologies Corp
1440 APITECH-1440 Datasheet
522Kb / 1P
Lowest size/power ratio
1442 APITECH-1442 Datasheet
468Kb / 1P
Lowest size/power ratio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com