Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWT6274RM20P8 Datasheet (PDF) - ANADIGICS, Inc

AWT6274RM20P8 Datasheet PDF - ANADIGICS, Inc
Part # AWT6274RM20P8
Download  AWT6274RM20P8 Download
File Size   278.08 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP PCS/WCDMA 3.4V/29dBm Linear Power Amplifier Module

AWT6274RM20P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6274RM20P8 Datasheet PDF - ANADIGICS, Inc

Part # AWT6274RM20P8
Download  AWT6274RM20P8 Click to download

File Size   278.08 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP PCS/WCDMA 3.4V/29dBm Linear Power Amplifier Module

AWT6274RM20P8 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWT6274RM20P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6270 ANADIGICS-AWT6270 Datasheet
275Kb / 8P
HELP 830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module
Rev 1.5
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.8
AWT6271RM20P8 ANADIGICS-AWT6271RM20P8 Datasheet
218Kb / 8P
HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.8
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 1.5
More results


Similar Description - AWT6274RM20P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
Rev 1.3
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 1.0
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 2.0
AWT6251 ANADIGICS-AWT6251 Datasheet
295Kb / 12P
PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module
Rev 1.3
AWT6270 ANADIGICS-AWT6270 Datasheet
275Kb / 8P
HELP 830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module
Rev 1.5
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.8
AWT6276R ANADIGICS-AWT6276R Datasheet
215Kb / 8P
HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
Rev 1.4
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com