Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYRBP220080B21RD/E Datasheet (PDF) - Murata Manufacturing Co., Ltd

MYRBP220080B21RD/E Datasheet PDF - Murata Manufacturing Co., Ltd
Part # MYRBP220080B21RD/E
Download  MYRBP220080B21RD/E Download
File Size   2244.65 Kbytes
Page   22 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Inductor Built-in Step-up mini DC/DC Converter

MYRBP220080B21RD/E Datasheet (PDF)

Go To PDF Page Download Datasheet
MYRBP220080B21RD/E Datasheet PDF - Murata Manufacturing Co., Ltd

Part # MYRBP220080B21RD/E
Download  MYRBP220080B21RD/E Click to download

File Size   2244.65 Kbytes
Page   22 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Inductor Built-in Step-up mini DC/DC Converter

MYRBP220080B21RD/E Datasheet (HTML) - Murata Manufacturing Co., Ltd


MYRBP220080B21RD/E Product details

■GENERALDESCRIPTION
The MYRBP-W/B series is a synchronous step-up mini DC/DCconverter
which integrates an inductor and a control IC in one tiny package (2.0mm×2.5mm, h=1.0mm).
A stable step-up power supply is configured using only two capacitors connectedexternally.
An internal coil simplifies the circuit and enables minimization of noise and other operational trouble due to the circuitwiring.
A wide operating voltage range of 0.65V to 6.0V enables support for applications that require an internally fixed output voltage (2.2V to 5.5V).
PWM control (MYRBP-W) or automatic PWM/PFM switching control (MYRBP-B) can beselected.
Duringthedevicesenterstand-bymode,MYRBP-WD/BDtypespreventtheapplicationmalfunctionbyCLDischargeFunctionwhichcanquicklydischargetheelectricchargeattheoutputcapacitor(CL).MYRBP-W/BtypesisabletodriveRealTimeClocketc.

■FEATURES
Input VoltageRange
: operating hold voltage 0.65V ~6.0V
:Start-upvoltage0.9V ~6.0V
Fixed OutputVoltage
: 2.2V ~ 5.5V (0.1Vincrements)
OscillationFrequency
: 3.0MHz(±20%)
InputCurrent
:0.8A
Output Current
: 500mA @VOUT=5.0V, VBAT=3.3V (TYP.) 350mA @VOUT=3.3V, VBAT =1.8V(TYP.)
Control ModeSelection
Load TransientResponse
: PWM (MYRBP-W Series)or
Auto PWM/PFM (MYRBP-BSeries)
:100mV@VOUT=3.3V,VBAT=1.8V
,IOUT=1mA→200mA
ProtectionCircuits
: Over-current limit (Integral latch method) Output short-circuitprotection
Functions
:Soft-start
Load Disconnection Function (Dtype)
CL Auto Discharge Function (D type) Bypass Switch Function (E type)
Output Capacitor
: CeramicCapacitor
OperatingAmbientTemperature
: -40℃ ~ +85℃
EnvironmentallyFriendly
: EU RoHS Compliant, Pb Free
HalogenFree

■APPLICATIONS
●Portableequipment
●Beauty & healthequipment
●Wearabledevices
●Game &Hobby
●PCPeripherals
●Devices with 1~3Alkaline,
1~3 Nickel Hydride, 1 Lithium and 1Li-ion




Similar Part No. - MYRBP220080B21RD/E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MYRGC075060B31RA MURATA1-MYRGC075060B31RA Datasheet
2Mb / 37P
36V, 600mA Inductor Built-in Step-down DC/DC Converter MYRGC-
MYRGC075060W31RA MURATA1-MYRGC075060W31RA Datasheet
2Mb / 37P
36V, 600mA Inductor Built-in Step-down DC/DC Converter MYRGC-
MYRGM-B MURATA1-MYRGM-B Datasheet
2Mb / 18P
1.5A Inductor Built in Step Down DC/DC Converters
MYRGM-C MURATA1-MYRGM-C Datasheet
2Mb / 17P
2.0A Inductor Built-in Step-Down DC/DC Converters
MYRGM-W MURATA1-MYRGM-W Datasheet
2Mb / 18P
1.5A Inductor Built in Step Down DC/DC Converters
More results


Similar Description - MYRBP220080B21RD/E

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205_1 Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL101 TOREX-XCL101 Datasheet
626Kb / 19P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter
XCL102 TOREX-XCL102 Datasheet
1Mb / 20P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
XCL225 TOREX-XCL225 Datasheet
761Kb / 27P
0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XCL230 TOREX-XCL230 Datasheet
1Mb / 37P
36V, 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XDL603 TOREX-XDL603 Datasheet
1Mb / 28P
18V Operation 500mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XDL605 TOREX-XDL605 Datasheet
1Mb / 29P
36V Operation 600mA Inductor Built-in Step-down ?쐌icro DC/DC??Converter
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
Inductor Built-in Step-Down “mini DC/DC” Converters
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
Torex Semiconductor
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
1.4A, Inductor Built-in Step-up DC/DC Converters
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com