Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VOA300 Datasheet (PDF) - Vishay Siliconix

VOA300 Datasheet PDF - Vishay Siliconix
Part # VOA300
Download  VOA300 Download
File Size   162.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Fast Response Linear Optocoupler for Voltage and Current Sensing

VOA300 Datasheet (PDF)

Go To PDF Page Download Datasheet
VOA300 Datasheet PDF - Vishay Siliconix

Part # VOA300
Download  VOA300 Click to download

File Size   162.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Fast Response Linear Optocoupler for Voltage and Current Sensing

VOA300 Datasheet (HTML) - Vishay Siliconix


VOA300 Product details

DESCRIPTION
The VOA300 linear optocoupler consists of an infrared
emitter irradiating an isolated feedback and an output PIN
photodiode in a bifurcated arrangement. The feedback
photodiode captures a percentage of the LEDs flux and
generates a control signal (IP1) that can be used to servo the
LED drive current. This technique compensates for the
LED’s non-linear, time, and temperature characteristics.

FEATURES
• AEC-Q102 qualified
• High gain linearity, ± 0.25 % typically
• Wide bandwidth, 1.4 MHz typically
• High gain stability, ± 0.005 %/°C typically
• High isolation voltage 5300 VRMS
• Material categorization:
for definitions of compliance please see

APPLICATIONS
• Galvanically isolated voltage and current
sensing of automotive batteries
• On board charger (OBC) voltage monitoring
• DC/DC converter and AC/DC inverter stage voltage
monitoring
• Isolated signal transfer for temperature sensors




Similar Part No. - VOA300

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
VOAM OPLINK-VOAM Datasheet
196Kb / 2P
VOA Module with Tap Monitor in SFP Form Factor
VOAM-S0176 OPLINK-VOAM-S0176 Datasheet
196Kb / 2P
VOA Module with Tap Monitor in SFP Form Factor
VOAMSFP0000C011 OPLINK-VOAMSFP0000C011 Datasheet
196Kb / 2P
VOA Module with Tap Monitor in SFP Form Factor
VOAMSFP0000L011 OPLINK-VOAMSFP0000L011 Datasheet
196Kb / 2P
VOA Module with Tap Monitor in SFP Form Factor
VOAMSFP0100C011 OPLINK-VOAMSFP0100C011 Datasheet
196Kb / 2P
VOA Module with Tap Monitor in SFP Form Factor
More results


Similar Description - VOA300

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2175 IRF-IR2175 Datasheet
107Kb / 7P
LINEAR CURRENT SENSING IC
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
IR2175PBF IRF-IR2175PBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2175STRPBF IRF-IR2175STRPBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
IR2172S IRF-IR2172S Datasheet
126Kb / 7P
LINEAR CURRENT SENSING IC
IR2175 IRF-IR2175_15 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
Infineon Technologies A...
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
logo
ON Semiconductor
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com