Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6CBE33125ZDIEX-13R Datasheet (PDF) - Diodes Incorporated

PI6CBE33125ZDIEX-13R Datasheet PDF - Diodes Incorporated
Part # PI6CBE33125ZDIEX-13R
Download  PI6CBE33125ZDIEX-13R Download
File Size   972.76 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI

PI6CBE33125ZDIEX-13R Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CBE33125ZDIEX-13R Datasheet PDF - Diodes Incorporated

Part # PI6CBE33125ZDIEX-13R
Download  PI6CBE33125ZDIEX-13R Click to download

File Size   972.76 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI

PI6CBE33125ZDIEX-13R Datasheet (HTML) - Diodes Incorporated


PI6CBE33125ZDIEX-13R Product details

Features
- Twelve Differential Low-Power HCSL Outputs with On-Chip Termination
- Default ZOUT = 85Ω
- Spread Spectrum Tolerant
- Individual Output Enable
- Selectable PLL Bandwidths
- Hardware/SMBus Control of ZDB and Fanout Buffer Modes
- Up to 9 Selectable SMBus Addresses
- 1 to 400MHz Fanout Buffer Operation
- 100MHz and 133.33MHz ZDB Mode
- Differential Output-to-output Skew <50ps
- Very Low Jitter Outputs
- Differential Cycle-to-cycle Jitter <50ps
- Fanout Buffer Mode Additive Phase Jitter
− PCIe® 5.0 CC: typ 17fs RMS
− DB2000Q Additive Jitter: 28fs RMS typ
− QPI/UPI 11.4GB/s: 20fs RMS typ
− IF-UPI Additive Jitter: 60fs RMS typ
- ZDB Mode Phase Jitter
− PCIe 5.0 CC: 18fs RMS typ
− QPI/UPI 11.4GB/s: 80fs RMS typ
− IF-UPI Additive Jitter: 60fs RMS typ
- 3.3V Core Supply Voltage
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative.
- Packaging (Pb-free & Green):
- 64-lead, 9mm × 9mm TQFN (ZD)




Similar Part No. - PI6CBE33125ZDIEX-13R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CBE33123 DIODES-PI6CBE33123 Datasheet
1Mb / 21P
Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0/6.0 and UPI
October 2023 Rev 4-2
PI6CBE33123ZDIEX DIODES-PI6CBE33123ZDIEX Datasheet
1Mb / 21P
Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0/6.0 and UPI
October 2023 Rev 4-2
PI6CBE33123ZDIEX-13R DIODES-PI6CBE33123ZDIEX-13R Datasheet
1Mb / 21P
Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0/6.0 and UPI
October 2023 Rev 4-2
More results


Similar Description - PI6CBE33125ZDIEX-13R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
logo
Integrated Device Techn...
9ZML1232 IDT-9ZML1232 Datasheet
223Kb / 19P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
12-Output DB1200ZL for PCIe Gen1?? and UPI
logo
Diodes Incorporated
PI6CBE33045 DIODES-PI6CBE33045 Datasheet
924Kb / 21P
Low-Power 4-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33065 DIODES-PI6CBE33065 Datasheet
980Kb / 21P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33085 DIODES-PI6CBE33085 Datasheet
997Kb / 22P
Low-Power 8-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
logo
Renesas Technology Corp
9ZML1231-IB0 RENESAS-9ZML1231-IB0 Datasheet
409Kb / 20P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
REV E 112015
9ZML1232 RENESAS-9ZML1232 Datasheet
659Kb / 19P
2:12 Low Power Differential Z-Buffer Mux for PCIe, UPI and PFT
January 22, 2021
9ZML1245 RENESAS-9ZML1245 Datasheet
805Kb / 29P
2:12 Clock Multiplexer for PCIe Gen1–5 and UPI
May 12, 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com