Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0639011200 Datasheet (PDF) - Molex Electronics Ltd.

0639011200 Datasheet PDF - Molex Electronics Ltd.
Part # 0639011200
Download  0639011200 Download
File Size   33.25 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator for 1.52mm Female Terminal

0639011200 Datasheet (PDF)

Go To PDF Page Download Datasheet
0639011200 Datasheet PDF - Molex Electronics Ltd.

Part # 0639011200
Download  0639011200 Click to download

File Size   33.25 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator for 1.52mm Female Terminal

0639011200 Datasheet (HTML) - Molex Electronics Ltd.


0639011200 Product details

General
Product Family Application Tooling
Series 207127
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Automatic, Semi-Automatic
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name FineAdjust
Taxonomy Applicators and Crimp Modules
Tool Type Applicator
UPC 883906483760
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0639011200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639011100 MOLEX-0639011100 Datasheet
32Kb / 1P
FineAdjust Applicator for 14.50mm Pitch Wedge Terminal, 0.50mm², 0.75mm² and 20 AWG
08/25/2022
0639011400 MOLEX-0639011400 Datasheet
32Kb / 1P
FineAdjust Applicator for 1.75mm Wire-To-Board Crimp Terminal, 24-28 AWG
08/26/2022
0639011600 MOLEX-0639011600 Datasheet
33Kb / 1P
FineAdjust Applicator for Bulb Socket Contact Terminals
08/26/2022
0639011800 MOLEX11-0639011800 Datasheet
42Kb / 1P
FineAdjust for 2.30mm Slip-On Receptacle Terminal
0639011900 MOLEX11-0639011900 Datasheet
42Kb / 1P
FineAdjust Applicator for Wire to Motor Connector Terminals
More results


Similar Description - 0639011200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63901-1200 MOLEX11-63901-1200 Datasheet
50Kb / 1P
FineAdjust Applicator for 1.52mm Female Terminal
63901-9600 MOLEX11-63901-9600 Datasheet
39Kb / 1P
FineAdjust Applicator for 2.00mm Pitch Female Crimp Terminal
63901-9700 MOLEX11-63901-9700 Datasheet
39Kb / 1P
FineAdjust Applicator for RAST5 Normal Force Female Crimp Terminal
0639014300 MOLEX11-0639014300 Datasheet
32Kb / 1P
FineAdjust Applicator for .070 Female Crimp Terminal
0639020600 MOLEX11-0639020600 Datasheet
32Kb / 1P
FineAdjust Applicator for Crimp Terminal
0639020700 MOLEX11-0639020700 Datasheet
32Kb / 1P
FineAdjust Applicator for .070 Female Crimp Terminal
ATS-639011200 MOLEX-ATS-639011200 Datasheet
233Kb / 5P
Fine Adjust Applicator for 1.52mm (.060) Crimp Terminal
09-10-08
0639014300 MOLEX-0639014300 Datasheet
42Kb / 1P
FineAdjust??Applicator for .070 Female Crimp Terminal
06/28/2011
63904-7600 MOLEX-63904-7600 Datasheet
474Kb / 5P
FineAdjust Applicator for L1NK 250 Female Crimp Terminal
01-27-21
0639003100 MOLEX-0639003100 Datasheet
34Kb / 2P
FineAdjust Applicator for SL Female Crimp Terminal, Insulation OD 1.01-1.52mm, 24-30 AWG Wire
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com