Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0640038070 Datasheet (PDF) - Molex Electronics Ltd.

0640038070 Datasheet PDF - Molex Electronics Ltd.
Part # 0640038070
Download  0640038070 Download
File Size   30.23 Kbytes
Page   4 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Square "Din" Style Die Set for BCL and VersaKrimp Un-insulated Ring Tongue Terminals and Splices, 1/0 and 2/0 AWG

0640038070 Datasheet (PDF)

Go To PDF Page Download Datasheet
0640038070 Datasheet PDF - Molex Electronics Ltd.

Part # 0640038070
Download  0640038070 Click to download

File Size   30.23 Kbytes
Page   4 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Square "Din" Style Die Set for BCL and VersaKrimp Un-insulated Ring Tongue Terminals and Splices, 1/0 and 2/0 AWG

0640038070 Datasheet (HTML) - Molex Electronics Ltd.


0640038070 Product details

General
Product Family Application Tooling
Series 207126
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name Battery Cable Lug, VersaKrimp
Taxonomy Applicators and Crimp Modules
Tool Type Crimp Module
UPC 889056282895
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0640038070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0640038370 MOLEX-0640038370 Datasheet
28Kb / 2P
Square "Din" Style Die Set for BCL and VersaKrimp Un-insulated Ring Tongue Terminals and Splices, 4/0 AWG
11/02/2021
0640038470 MOLEX-0640038470 Datasheet
25Kb / 1P
Square "Din" Style Die Set for EXTreme Guardian Power Receptacle Terminals, 10 AWG UL1028 or UL1283
08/25/2022
0640038570 MOLEX-0640038570 Datasheet
26Kb / 1P
Square "Din" Style Die Set for EXTreme Guardian Power Receptacle Terminals, 8 AWG UL1028 or UL1283
08/25/2022
0640038670 MOLEX-0640038670 Datasheet
28Kb / 3P
Square "Din" Style Die Set for BCL and VersaKrimp Un-insulated Ring Tongue Terminals and Splices, 4 AWG
08/25/2022
More results


Similar Description - 0640038070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191930333 MOLEX4-0191930333 Datasheet
82Kb / 3P
VersaKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0191930325 MOLEX4-0191930325 Datasheet
83Kb / 3P
VersaKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0191930330 MOLEX4-0191930330 Datasheet
82Kb / 3P
VersaKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0191930329 MOLEX4-0191930329 Datasheet
82Kb / 2P
VersaKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0191930351 MOLEX4-0191930351 Datasheet
86Kb / 2P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930331 MOLEX4-0191930331 Datasheet
82Kb / 3P
VersaKrimp??Ring Tongue Terminal for 1/0 AWG Wire
19193-0330 MOLEX11-19193-0330 Datasheet
38Kb / 2P
VersaKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0192890900 MOLEX-0192890900 Datasheet
35Kb / 1P
Square Din Style Die Sets for Imperium Plus Terminals, 2/0 AWG and 70.00mm² Wire
08/26/2022
0640038370 MOLEX-0640038370 Datasheet
28Kb / 2P
Square "Din" Style Die Set for BCL and VersaKrimp Un-insulated Ring Tongue Terminals and Splices, 4/0 AWG
11/02/2021
0640038670 MOLEX-0640038670 Datasheet
28Kb / 3P
Square "Din" Style Die Set for BCL and VersaKrimp Un-insulated Ring Tongue Terminals and Splices, 4 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com