Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRV6CSREBXB12502MA Datasheet (PDF) - Vishay Siliconix

PRV6CSREBXB12502MA Datasheet PDF - Vishay Siliconix
Part # PRV6CSREBXB12502MA
Download  PRV6CSREBXB12502MA Download
File Size   205.2 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Sealed Potentiometer Cermet or Conductive Plastic

PRV6CSREBXB12502MA Datasheet (PDF)

Go To PDF Page Download Datasheet
PRV6CSREBXB12502MA Datasheet PDF - Vishay Siliconix

Part # PRV6CSREBXB12502MA
Download  PRV6CSREBXB12502MA Click to download

File Size   205.2 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Sealed Potentiometer Cermet or Conductive Plastic

PRV6CSREBXB12502MA Datasheet (HTML) - Vishay Siliconix


PRV6CSREBXB12502MA Product details

FEATURES
• PRV6S high power rating 1.5 W at 70 °C (cermet)
• PRV6A 0.75 W at 70 °C (conductive plastic)
• Tests according to CECC 41000 or IEC 60393-1
• Low cost
• Fully sealed and panel sealed
• Compatible RV6 (MIL R 94)
• Mechanical endurance 50 000 cycles
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PRV6CSREBXB12502MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRV6CBAAAXB12 VISHAY-PRV6CBAAAXB12 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
PRV6CBABBXB12 VISHAY-PRV6CBABBXB12 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
PRV6CBABGXB12 VISHAY-PRV6CBABGXB12 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
PRV6CBLAAXB12 VISHAY-PRV6CBLAAXB12 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
PRV6CBLBBXB12 VISHAY-PRV6CBLBBXB12 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
More results


Similar Description - PRV6CSREBXB12502MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
15-Apr-02
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
29-Jun-06
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
04-Jul-17
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
20-Jul-17
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
PRV6 VISHAY-PRV6_17 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
P11S VISHAY-P11S_V01 Datasheet
228Kb / 15P
12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
21-Nov-2022
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com