Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5VDC-1 Datasheet (PDF) - Coolgear Inc.

5VDC-1 Datasheet PDF - Coolgear Inc.
Part # 5VDC-1
Download  5VDC-1 Download
File Size   200.11 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description 5 Volt Output 2 Amp Power Supply 1.3mm

5VDC-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
5VDC-1 Datasheet PDF - Coolgear Inc.

Part # 5VDC-1
Download  5VDC-1 Click to download

File Size   200.11 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description 5 Volt Output 2 Amp Power Supply 1.3mm

5VDC-1 Datasheet (HTML) - Coolgear Inc.


5VDC-1 Product details

5 Volt 2 Amp output, 110v-240v auto switching external power
adapter used with Coolgear hubs and Active USB cables.
Switching power adapter
Input: 100 - 240V / 0.5A Max. 50 - 60Hz
Output: 5V 2A / Output power: 10W Max.
Barrel outside diameter: 3.5mm / inside 1.3mm




Similar Part No. - 5VDC-1

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
5VDCLB-1 COOLGEAR-5VDCLB-1 Datasheet
200Kb / 2P
5 Volt Output 2 amp Large Barrel Power Supply 2.1mm
More results


Similar Description - 5VDC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
5 Volt, 5 Amp Voltage Regulator
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
5-Volt 5-Amp Voltage Regulators
logo
List of Unclassifed Man...
FCPS-24F ETC1-FCPS-24F Datasheet
573Kb / 3P
24 Volt, 6 Amp Remote Power Supply
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
Linear Technology
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Nippon Precision Circui...
SM8172A NPC-SM8172A Datasheet
204Kb / 17P
2-output Power Supply IC
logo
Coolgear Inc.
5VDCLB-1 COOLGEAR-5VDCLB-1 Datasheet
200Kb / 2P
5 Volt Output 2 amp Large Barrel Power Supply 2.1mm
FJ-2025 COOLGEAR-FJ-2025 Datasheet
347Kb / 2P
12 Volt – 6 Amp DC Barrel Switching Power Supply
FJ-2026 COOLGEAR-FJ-2026 Datasheet
435Kb / 2P
5 Volt – 4 Amp DC Barrel Switching Power Supply
PWR-7U2ML COOLGEAR-PWR-7U2ML Datasheet
363Kb / 2P
4 Amp 5 Volt DC Hub Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com