Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2052123700 Datasheet (PDF) - Molex Electronics Ltd.

2052123700 Datasheet PDF - Molex Electronics Ltd.
Part # 2052123700
Download  2052123700 Download
File Size   27.59 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description S-1 Applicator for Mega-Fit Female Terminals, 1.00mm²-1.50mm², 14-16 AWG

2052123700 Datasheet (PDF)

Go To PDF Page Download Datasheet
2052123700 Datasheet PDF - Molex Electronics Ltd.

Part # 2052123700
Download  2052123700 Click to download

File Size   27.59 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description S-1 Applicator for Mega-Fit Female Terminals, 1.00mm²-1.50mm², 14-16 AWG

2052123700 Datasheet (HTML) - Molex Electronics Ltd.


2052123700 Product details

General
Product Family Application Tooling
Series 205212
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Japan
Level of Automation Automatic, Semi-Automatic
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name Mega-Fit, S-1
Taxonomy Applicators and Crimp Modules
Tool Type Applicator
UPC 191130003891
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 2052123700

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
205210-3 MACOM-205210-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205210-3 MACOM-205210-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205210-7 MACOM-205210-7 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205210-7 MACOM-205210-7 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
205210-8 MACOM-205210-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
More results


Similar Description - 2052123700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63902-3300 MOLEX11-63902-3300 Datasheet
49Kb / 1P
FineAdjust Applicator for Mega-Fit Female Terminals
63902-3400 MOLEX11-63902-3400 Datasheet
49Kb / 1P
FineAdjust Applicator for Mega-Fit Female Terminals
ATS-639023300 MOLEX-ATS-639023300 Datasheet
348Kb / 5P
Fine Adjust Applicator for Mega-Fit Female Terminals
6-23-17
ATS-639023400 MOLEX-ATS-639023400 Datasheet
347Kb / 5P
Fine Adjust Applicator for Mega-Fit Female Terminals
06-23-17
0639043600 MOLEX-0639043600 Datasheet
45Kb / 2P
FineAdjust Applicator for Mega-Fit Crimp Terminals, 14-16 AWG, UL1007 Wire
11/02/2021
0639023300 MOLEX-0639023300 Datasheet
33Kb / 2P
FineAdjust Applicator for Mega-Fit Crimp Terminals, for 14-16 AWG or 1.00mm² and 1.50mm² Wire with Insulation Diameter 2.36-3.56mm
08/26/2022
0639023400 MOLEX-0639023400 Datasheet
33Kb / 2P
FineAdjust Applicator for Mega-Fit Female Terminals
08/26/2022
0639036600 MOLEX-0639036600 Datasheet
34Kb / 2P
FineAdjust Applicator for Mini-Fit TPA2 Crimp Terminals, 1.00mm², 1.50mm², and 16 AWG Wires
08/25/2022
0639043500 MOLEX-0639043500 Datasheet
33Kb / 2P
FineAdjust Applicator for Mega-Fit Crimp Terminals, 14-16 AWG, UL1015 Wire
08/26/2022
2002221200 MOLEX-2002221200 Datasheet
25Kb / 2P
Extraction Tool for Mega-Fit Crimp Terminals, 14-16 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com