Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLA0330002CFCG Datasheet (PDF) - Vishay Siliconix

CLA0330002CFCG Datasheet PDF - Vishay Siliconix
Part # CLA0330002CFCG
Download  CLA0330002CFCG Download
File Size   103.84 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wire Bondable Thin Film Resistor Arrays

CLA0330002CFCG Datasheet (PDF)

Go To PDF Page Download Datasheet
CLA0330002CFCG Datasheet PDF - Vishay Siliconix

Part # CLA0330002CFCG
Download  CLA0330002CFCG Click to download

File Size   103.84 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wire Bondable Thin Film Resistor Arrays

CLA0330002CFCG Datasheet (HTML) - Vishay Siliconix


CLA0330002CFCG Product details

FEATURES
• Wire bondable
• Up to 12 equal value resistors
• For case see Part Dimensions table
• Resistance range: 20 Ω to 1 MΩ
• Excellent TCR tracking
• Resistor material:
tantalum nitride, self-passivating
• Oxidized silicon substrate for good power
dissipation
• Custom values and pad geometries available
• Moisture resistant
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - CLA0330002CFCG

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
CLA05D-050A PHIHONG-CLA05D-050A Datasheet
122Kb / 2P
5W Automobile Charger
CLA05D-050A-R PHIHONG-CLA05D-050A-R Datasheet
171Kb / 2P
5W Car Charging Adapter for Portable Electronics
CLA05D-050A PHIHONG-CLA05D-050A_14 Datasheet
171Kb / 2P
5W Car Charging Adapter for Portable Electronics
More results


Similar Description - CLA0330002CFCG

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
PRECISION THIN FILM CHIP ARRAYS
logo
IRC - a TT electronics ...
WBDDSS4-A-01-1002-JG IRCTT-WBDDSS4-A-01-1002-JG Datasheet
750Kb / 4P
Wire Bondable Resistor Network Arrays
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
Wire Bondable Resistor/Capacitor Circuits
logo
Vishay Siliconix
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
MTLP VISHAY-MTLP Datasheet
74Kb / 3P
Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
16-Nov-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
Wire Bondable Thin Film Multi-Tap Resistor Arrays
18-Apr-13
MTT VISHAY-MTT Datasheet
101Kb / 3P
Wire Bondable Thin Film Multi-Tap Resistor Arrays
06-Apr-17
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
19-Nov-14
logo
TT Electronics.
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
Wire Bondable Resistor Network Arrays
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
Wire Bondable Resistor
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com