Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RY1005CB-1001JN-2SWP Datasheet (PDF) - Vishay Barry

RY1005CB-1001JN-2SWP Datasheet PDF - Vishay Barry
Part # RY1005CB-1001JN-2SWP
Download  RY1005CB-1001JN-2SWP Download
File Size   147.93 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 8W 1005 AlN SMT Chip Resistor w/ Isolated Center Pad

RY1005CB-1001JN-2SWP Datasheet (PDF)

Go To PDF Page Download Datasheet
RY1005CB-1001JN-2SWP Datasheet PDF - Vishay Barry

Part # RY1005CB-1001JN-2SWP
Download  RY1005CB-1001JN-2SWP Click to download

File Size   147.93 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 8W 1005 AlN SMT Chip Resistor w/ Isolated Center Pad

RY1005CB-1001JN-2SWP Datasheet (HTML) - Vishay Barry


RY1005CB-1001JN-2SWP Product details

RY1005ZZ-XXXXJN-2S Features:
• Wraparound w/ Isolated Center Pad Configuration
• Solder Attachment
• Customer Defined Testing Available
• Tape & Reel or Waffle Pack Available
(Standard is bulk)
• 5% Resistor Tolerance

RY1005ZZ-XXXXJN-2S Parameters:
Resistance Range: 10Ω to 1KΩ
Rated Power: 8W*
Capacitance**: 0.24pF (@ 100MHz)
Construction: Thick Film on AlN
Operating Temperature: -55 to +150°C




Similar Part No. - RY1005CB-1001JN-2SWP

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RY1005CB-1001JN-98 BARRY-RY1005CB-1001JN-98 Datasheet
150Kb / 2P
8W 1005 BeO Chip Resistor w/ Isolated Center Pad
RY1005CB-1001JN-98 BARRY-RY1005CB-1001JN-98 Datasheet
174Kb / 1P
BeO
Rev.A 04/11/08
RY1005CB-1001JN-98TR BARRY-RY1005CB-1001JN-98TR Datasheet
150Kb / 2P
8W 1005 BeO Chip Resistor w/ Isolated Center Pad
RY1005CB-1001JN-98WP BARRY-RY1005CB-1001JN-98WP Datasheet
150Kb / 2P
8W 1005 BeO Chip Resistor w/ Isolated Center Pad
More results


Similar Description - RY1005CB-1001JN-2SWP

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RY0805ZZ-XXXXJN-2S BARRY-RY0805ZZ-XXXXJN-2S Datasheet
167Kb / 2P
5W 0805 AlN Chip Resistor w/ Isolated Center Pad
REV.C AUG 10 2016
RY0805ZZ-XXXXJN-98 BARRY-RY0805ZZ-XXXXJN-98 Datasheet
167Kb / 2P
5W 0805 BeO Chip Resistor w/ Isolated Center Pad
RY1005ZZ-XXXXJN-98 BARRY-RY1005ZZ-XXXXJN-98 Datasheet
150Kb / 2P
8W 1005 BeO Chip Resistor w/ Isolated Center Pad
RYC1206ZZ-XXXXJN-2S BARRY-RYC1206ZZ-XXXXJN-2S Datasheet
253Kb / 2P
10W 1206 AlN Chip Resistor w/ Isolated Center Pad
RYC1206ZZ-XXXXJN-98 BARRY-RYC1206ZZ-XXXXJN-98 Datasheet
245Kb / 2P
12W 1206 BeO Chip Resistor w/ Isolated Center Pad
REV.E DEC 20 2016
RYC2010ZZ-XXXXJN-2T BARRY-RYC2010ZZ-XXXXJN-2T Datasheet
262Kb / 2P
30W 2010 AlN Chip Resistor w/ Isolated Center Pad
REV.E DEC 21 2016
RYC2010ZZ-XXXXJN-98 BARRY-RYC2010ZZ-XXXXJN-98 Datasheet
1Mb / 2P
20W 2010 BeO Chip Resistor w/ Isolated Center Pad
REV.B MAR 20 2018
RYC2525ZZ-XXXXJN-2T BARRY-RYC2525ZZ-XXXXJN-2T Datasheet
251Kb / 2P
40W 2525 AlN Chip Resistor w/ Isolated Center Pad
REV.A DEC 21 2016
RYC3725ZZ-XXXXJN-2T BARRY-RYC3725ZZ-XXXXJN-2T Datasheet
261Kb / 2P
60W 3725 AlN Chip Resistor w/ Isolated Center Pad
REV.A DEC 21 2016
RZ1005ZZ-XXXXJN-2S BARRY-RZ1005ZZ-XXXXJN-2S Datasheet
202Kb / 2P
8W AlN Chip Resistor w/ One Extended Mounting Pad
REV.B JAN 12 2017
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com