Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

260RLA-V Datasheet (PDF) - Vishay Siliconix

260RLA-V Datasheet PDF - Vishay Siliconix
Part # 260RLA-V_V01
Download  260RLA-V Download
File Size   129.75 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance, High Vibration Capability

260RLA-V Datasheet (PDF)

Go To PDF Page Download Datasheet
260RLA-V Datasheet PDF - Vishay Siliconix

Part # 260RLA-V_V01
Download  260RLA-V Click to download

File Size   129.75 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance, High Vibration Capability

260RLA-V Datasheet (HTML) - Vishay Siliconix


260RLA-V Product details

FEATURES
• Useful life: up to 2000 h at 150 °C
• High stability, high reliability
• Very low ESR
• AEC-Q200 qualified
• Excellent ripple current capability
• High vibration resistance up to 50 g
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case, insulated with a
blue PET sleeve
• Charge and discharge proof
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 260RLA-V_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
260RLA-V VISHAY-260RLA-V Datasheet
135Kb / 8P
Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
02-May-2018
More results


Similar Description - 260RLA-V_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
160RLA VISHAY-160RLA Datasheet
130Kb / 8P
Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
17-Mar-17
246CTI-V VISHAY-246CTI-V Datasheet
135Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
12-Apr-17
246RTI-V VISHAY-246RTI-V Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
14-Mar-17
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
20-Mar-17
260RLA-V VISHAY-260RLA-V Datasheet
135Kb / 8P
Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
02-May-2018
160RLA VISHAY-160RLA_V01 Datasheet
133Kb / 8P
Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
02-May-2018
246CTI-V VISHAY-246CTI-V_V01 Datasheet
131Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance, High Vibration Capability
27-Apr-2022
246RTI-V VISHAY-246RTI-V_V01 Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance, High Vibration Capability
27-Apr-2022
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
27-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com