Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SP0630S2M1R Datasheet (PDF) - Power Integrations, Inc.

1SP0630S2M1R Datasheet PDF - Power Integrations, Inc.
Part # 1SP0630S2M1R
Download  1SP0630S2M1R Download
File Size   1457.96 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Main Gate Driver for 3300 V IGBT modules Fiber-Optic I/O Interface

1SP0630S2M1R Datasheet (PDF)

Go To PDF Page Download Datasheet
1SP0630S2M1R Datasheet PDF - Power Integrations, Inc.

Part # 1SP0630S2M1R
Download  1SP0630S2M1R Click to download

File Size   1457.96 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Main Gate Driver for 3300 V IGBT modules Fiber-Optic I/O Interface

1SP0630S2M1R Datasheet (HTML) - Power Integrations, Inc.


1SP0630S2M1R Product details

Highly Integrated, Compact Footprint
• Ready-to-use gate driver solution for power modules up to 3300 V
blocking voltage
• Single channel gate driver
• 30 A peak output gate current
• 1.6 W output power at maximum operating temperature
• Optimized for Mitsubishi’s Half-Bridge Power Modules CM-
1200HC-66X
• -40 °C to +85 °C operating ambient temperature
• Optical status indicator
Protection / Safety Features
• Undervoltage lock-out (UVLO) for the main gate driver
• Short circuit protection
• Dynamic Advanced Active Clamping (DA2C)
• Applied double sided conformal coating (by using ELPEGUARD SL
1307 FLZ/2 from Lackwerke Peters)
Applications
• Railway inverter
• Industrial drives
• Other industrial applications
Description
The Plug-and-Play 1SP0630S2M1R-CM1200HC-66Xgate driver is a
compact single-channel intelligent gate driver optimized for CM-
1200HC-66X.
Power Integrations’ Dynamic Advanced Active Clamping allows an extended
DC-link voltage range in IGBT off-state for up to 60 s in railway
and regenerating applications




Similar Part No. - 1SP0630S2M1R

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
1SP0630S2M1R POWERINT-1SP0630S2M1R Datasheet
1Mb / 12P
Main Gate Driver for an IGBT Module up to 3300 V
November 2022
More results


Similar Description - 1SP0630S2M1R

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
VLA504-01R ISAHAYA-VLA504-01R Datasheet
467Kb / 7P
DRIVER FOR IGBT MODULES
M57962K-01R ISAHAYA-M57962K-01R Datasheet
326Kb / 7P
DRIVER FOR IGBT MODULES
VLA500-02 ISAHAYA-VLA500-02 Datasheet
121Kb / 6P
DRIVER FOR IGBT MODULES
VLA539-01R ISAHAYA-VLA539-01R Datasheet
106Kb / 6P
DRIVER FOR IGBT MODULES
logo
Power Integrations, Inc...
2SI0400T2XXC POWERINT-2SI0400T2XXC Datasheet
1Mb / 29P
Gate Driver for 1.2 kV to 3.3 kV Half-Bridge Power Modules Electrical I/O Interface
June 2019
1SP0351V2A0C-5SNA2000K POWERINT-1SP0351V2A0C-5SNA2000K Datasheet
1Mb / 17P
Gate Driver for 4500 V Press-Pack IGBT, Optical I/O Interface
August 2020
1SP0351V2A0C-5SNA3000K POWERINT-1SP0351V2A0C-5SNA3000K Datasheet
1Mb / 17P
Gate Driver for 4500 V Press-Pack IGBT, Optical I/O Interface
August 2020
1SP0351V2B0C-5SNA2000K POWERINT-1SP0351V2B0C-5SNA2000K Datasheet
1Mb / 17P
Gate Driver for 4500 V Press-Pack IGBT, Optical I/O Interface
August 2020
1SP0351V2D0C-T2000BB45G POWERINT-1SP0351V2D0C-T2000BB45G Datasheet
1Mb / 17P
Gate Driver for 4500 V Press-Pack IGBT, Optical I/O Interface
February 2020
1SP0351V2B0C-5SNA3000K POWERINT-1SP0351V2B0C-5SNA3000K Datasheet
1Mb / 17P
Gate Driver for 4500 V Press-Pack IGBT, Optical I/O Interface
August 2020
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com