Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC166D Datasheet (PDF) - Toshiba Semiconductor

74HC166D Datasheet PDF - Toshiba Semiconductor
Part # 74HC166D
Download  74HC166D Download
File Size   302.85 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC166D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC166D Datasheet PDF - Toshiba Semiconductor

Part # 74HC166D
Download  74HC166D Click to download

File Size   302.85 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC166D Datasheet (HTML) - Toshiba Semiconductor


74HC166D Product details

Functional Description
• 8-Bit Shift Register (P-IN, S-OUT)
General
The 74HC166D is a high speed CMOS 8-BIT PARALLEL/SERIAL-IN, SERIAL-OUT SHIFT REGISTER
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
It consists of parallel-in or serial-in, serial-out 8-bit shift register with a gated clock input and an overriding
clear input. The parallel-in or serial-in modes are controlled by the SHIFT/LOAD input. When the SHIFT/LOAD
input is held high, the serial data input is enabled and the eight flip-flops perform serial shifting on each clock
pulse. When held low, the parallel data inputs are enabled and synchronous loading occurs on the next clock
pulse. Clocking is accomplished on the low-to-high transition of the clock pulse. The CK-INH input should be
shifted high only while the CK input is held high. A direct clear input overrides all other inputs, including the
clock, and sets all the flip-flops to zero. Functional details are shown in the truth table and the timing charts.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
(1) High speed: fMAX = 57 MHz (typ.) at VCC = 5 V
(2) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25 
(3) Balanced propagation delays: tPLH ≈ tPHL
(4) Wide operating voltage range: VCC(opr) = 2.0 V to 6.0 V




Similar Part No. - 74HC166D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC166D PHILIPS-74HC166D Datasheet
93Kb / 10P
8-bit parallel-in/serial-out shift register
December 1990
logo
Nexperia B.V. All right...
74HC166D NEXPERIA-74HC166D Datasheet
278Kb / 17P
8-bit parallel-in/serial out shift register
Rev. 5 - 9 August 2021
logo
Burr-Brown (TI)
74HC166D BURR-BROWN-74HC166D Datasheet
285Kb / 13P
EVALUATION FIXTURE
logo
Nexperia B.V. All right...
74HC166D-Q100 NEXPERIA-74HC166D-Q100 Datasheet
1Mb / 19P
8-bit parallel-in/serial out shift register
74HC166D-Q100 NEXPERIA-74HC166D-Q100 Datasheet
277Kb / 17P
8-bit parallel-in/serial out shift register
Rev. 2 - 9 August 2021
More results


Similar Description - 74HC166D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
19-Oct-2007
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
13-Sep-2022
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
04-Oct-2022
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com