Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC4053FT Datasheet (PDF) - Toshiba Semiconductor

74HC4053FT Datasheet PDF - Toshiba Semiconductor
Part # 74HC4053FT
Download  74HC4053FT Download
File Size   299.18 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC4053FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4053FT Datasheet PDF - Toshiba Semiconductor

Part # 74HC4053FT
Download  74HC4053FT Click to download

File Size   299.18 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC4053FT Datasheet (HTML) - Toshiba Semiconductor


74HC4053FT Product details

Functional Description
• Triple 2-Channel Analog Multiplexer/Demultiplexer
General
The 74HC4053FT is high speed CMOS ANALOG MULTIPLEXER/DEMULTIPLEXER fabricated with silicon
gate CMOS technology. They achieve the high speed operation similar to equivalent LSTTL while maintaining
the CMOS low power dissipation.
The 74HC4053FT has a 2 channel × 3 configuration.
The digital signal to the control terminal turns "ON" the corresponding switch of each channel a large amplitude
signal (VCC - VEE) can then be switched by the small logical amplitude (VCC - GND) control signal.
For example, in the case of VCC = 5 V, GND = 0 V, VEE = -5 V, signals between -5 V and +5 V can be switched from
the logical circuit with a single power supply of 5 V. As the ON-resistance of each switch is low, they can be
connected to circuits with low input impedance.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
(1) Wide operating temperature range: Topr = -40 to 125
(2) Low power dissipation: ICC = 4.0 μA (max) (VCC = 6.0 V, VEE = GND, Ta = 25 )
(3) High noise immunity: VNIH = VNIL = 28% VCC (min)
(4) Low ON-resistance: RON = 50 Ω (typ.) at VCC - VEE = 9 V
(5) High degree of linearity: THD = 0.020 % (typ.) at VCC - VEE = 9 V
(6) Pin and function compatible with 4053B




Similar Part No. - 74HC4053FT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74HC4053 PHILIPS-74HC4053 Datasheet
141Kb / 17P
Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HC4053 PHILIPS-74HC4053 Datasheet
226Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Nexperia B.V. All right...
74HC4053 NEXPERIA-74HC4053 Datasheet
403Kb / 27P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 12 - 9 February 2023
More results


Similar Description - 74HC4053FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
19-Oct-2007
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
13-Sep-2022
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
04-Oct-2022
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com