Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GRF1-C Datasheet (PDF) - Samtec, Inc

GRF1-C Datasheet PDF - Samtec, Inc
Part # GRF1-C
Download  GRF1-C Download
File Size   508.39 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description 50W GANGED MICRO-MINI RF CABLE

GRF1-C Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF1-C Datasheet PDF - Samtec, Inc

Part # GRF1-C
Download  GRF1-C Click to download

File Size   508.39 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description 50W GANGED MICRO-MINI RF CABLE

GRF1-C Datasheet (HTML) - Samtec, Inc




Similar Part No. - GRF1-C

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
GRF1-C-J-02-E-RA-TH1-E SAMTEC-GRF1-C-J-02-E-RA-TH1-E Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
GRF1-C-J-02-E-ST-TH1-E SAMTEC-GRF1-C-J-02-E-ST-TH1-E Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
GRF1-C-J-04-E-RA-TH1-E SAMTEC-GRF1-C-J-04-E-RA-TH1-E Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
GRF1-C-J-04-E-ST-TH1-E SAMTEC-GRF1-C-J-04-E-ST-TH1-E Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
GRF1-C-J-06-E-RA-TH1-E SAMTEC-GRF1-C-J-06-E-RA-TH1-E Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
More results


Similar Description - GRF1-C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE325 NTE-NTE325 Datasheet
22Kb / 2P
Silicon NPN RF Power Transistor 50W @ 30MHz
logo
Molex Electronics Ltd.
74642-1003 MOLEX-74642-1003 Datasheet
280Kb / 2P
6.25mm (.246?? Pitch Ganged RF
0685608102 MOLEX8-0685608102 Datasheet
92Kb / 2P
8 Circuits Female-to-8 Circuits Female, Ganged RF Cable Assembly 1.0m (3.28 )Length
0685608202 MOLEX8-0685608202 Datasheet
92Kb / 2P
8 Circuits Female-to-8 Circuits Female, Ganged RF Cable Assembly 1.50m (4.92 )Length
logo
MPS Industries, Inc.
R33M MPSIND-R33M Datasheet
255Kb / 1P
MINI RF TRANSFORMERS
logo
M/A-COM Technology Solu...
NPTB00050 MA-COM-NPTB00050 Datasheet
510Kb / 8P
Gallium Nitride 28V, 50W RF Power Transistor
NPTB00050 MA-COM-NPTB00050_15 Datasheet
510Kb / 8P
50W RF Power Transistor
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
Shenzhenshi YONGFUKANG ...
CS8626E YONGFUKANG-CS8626E Datasheet
4Mb / 14P
50W
logo
Samtec, Inc
GRF1-J SAMTEC-GRF1-J Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com