Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD4E02B04DQAR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPD4E02B04DQAR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPD4E02B04DQAR-TP
Download  TPD4E02B04DQAR-TP Download
File Size   1591.19 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0

TPD4E02B04DQAR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4E02B04DQAR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPD4E02B04DQAR-TP
Download  TPD4E02B04DQAR-TP Click to download

File Size   1591.19 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0

TPD4E02B04DQAR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPD4E02B04DQAR-TP Product details

Features
◆ Ultra low capacitance: 0.25 pF typical (I/O to 1/0)
◆ Ultra low leakage: nA level
◆ Breakdown Voltage: 5.5 V (Minimum)
◆ Low clamping voitage
◆ Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±15kV
- IEC61000-4-4 (EFT) 80A (5/50ns)
- IEC61000-4-5 (Lightning) :4 A(8/20μs)
◆ ROHS Compliant




Similar Part No. - TPD4E02B04DQAR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04DQAR TI1-TPD4E02B04DQAR Datasheet
2Mb / 21P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results


Similar Description - TPD4E02B04DQAR-TP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
USB 2.0 - ESD & Overcurrent Protection
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
8-Channel ESD Protection for DisplayPort and HDMI
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Chrontel, Inc.
CH7216A CHRONTEL-CH7216A Datasheet
222Kb / 9P
CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.2 2022-12-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com