Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-VSUD360CW40 Datasheet (PDF) - Vishay Siliconix

VS-VSUD360CW40 Datasheet PDF - Vishay Siliconix
Part # VS-VSUD360CW40
Download  VS-VSUD360CW40 Download
File Size   132.79 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FRED Pt® Ultrafast Soft Recovery Diode Module, 360 A

VS-VSUD360CW40 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSUD360CW40 Datasheet PDF - Vishay Siliconix

Part # VS-VSUD360CW40
Download  VS-VSUD360CW40 Click to download

File Size   132.79 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FRED Pt® Ultrafast Soft Recovery Diode Module, 360 A

VS-VSUD360CW40 Datasheet (HTML) - Vishay Siliconix


VS-VSUD360CW40 Product details

FEATURES
• Very low Qrr and trr
• UL approved file E222165
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VS-VSUD360CW40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40 Datasheet
154Kb / 6P
Designed and qualified for industrial level
03-Nov-16
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40 Datasheet
133Kb / 6P
FRED Pt® Ultrafast Soft Recovery Diode Module, 360 A
14-Dec-2018
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40_V01 Datasheet
133Kb / 6P
FRED Pt® Ultrafast Soft Recovery Diode Module, 360 A
14-Dec-2018
More results


Similar Description - VS-VSUD360CW40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSUD360CW40 VISHAY-VSUD360CW40_10 Datasheet
145Kb / 7P
FRED Pt Ultrafast Soft Recovery Diode Module, 360 A
20-Sep-10
60EPU02PBF VISHAY-60EPU02PBF_12 Datasheet
207Kb / 9P
Ultrafast Soft Recovery Diode, 60 A FRED Pt®
15-Aug-11
VS-80EBU02 VISHAY-VS-80EBU02 Datasheet
137Kb / 8P
Ultrafast Soft Recovery Diode, 80 A FRED Pt®
15-Jun-11
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3 Datasheet
199Kb / 8P
Ultrafast Soft Recovery Diode, 60 A FRED Pt®
10-Jul-15
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3 Datasheet
194Kb / 8P
Ultrafast Soft Recovery Diode, 60 A FRED Pt®
09-Jul-15
VS-VSUD400CW60 VISHAY-VS-VSUD400CW60 Datasheet
146Kb / 6P
FRED Pt® , Ultrafast Soft Recovery Diode Module, 400 A
03-Nov-16
VS-VSUD400CW20 VISHAY-VS-VSUD400CW20 Datasheet
164Kb / 7P
FRED Pt® Ultrafast Soft Recovery Diode Module, 480 A
08-Sep-2022
VS-VSUD400CW20 VISHAY-VS-VSUD400CW20_V01 Datasheet
164Kb / 7P
FRED Pt® Ultrafast Soft Recovery Diode Module, 480 A
08-Sep-2022
VS-VSUD400CW60 VISHAY-VS-VSUD400CW60_V02 Datasheet
131Kb / 6P
FRED Pt® Ultrafast Soft Recovery Diode Module, 400 A
14-Dec-2018
VS-VSUD410CW60 VISHAY-VS-VSUD410CW60_V02 Datasheet
123Kb / 7P
FRED Pt® Ultrafast Soft Recovery Diode Module, 400 A
18-Dec-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com