Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD15 Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

AD15 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # AD15
Download  AD15 Download
File Size   761.74 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description AC/DC CONVERTER

AD15 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD15 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # AD15
Download  AD15 Click to download

File Size   761.74 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description AC/DC CONVERTER

AD15 Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


AD15 Product details

Features
Efficiency up to 81%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Universal Input :85 ~ 264VAC,50/60Hz




Similar Part No. - AD15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD15 ETC2-AD15 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Analog Devices
AD15 AD-AD15 Datasheet
395Kb / 6P
Tape and Reel Packaging
logo
New Jersey Semi-Conduct...
AD150 NJSEMI-AD150 Datasheet
153Kb / 2P
PNP Transistors for AF power stages up to 20 W
logo
List of Unclassifed Man...
AD150 ETC1-AD150 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
logo
Sparkle Power Inc.
AD150-ABBN1-ATC25 SPI-AD150-ABBN1-ATC25 Datasheet
74Kb / 1P
150 Watts Power Adapter High efficiency and reliability
More results


Similar Description - AD15

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com