Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADN5 Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

ADN5 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # ADN5
Download  ADN5 Download
File Size   933.83 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description AC/DC CONVERTER

ADN5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN5 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # ADN5
Download  ADN5 Click to download

File Size   933.83 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description AC/DC CONVERTER

ADN5 Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


ADN5 Product details

Features
Efficiency up to 79%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
Plastic case (”/M” for Metal)




Similar Part No. - ADN5

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ADN5-24-1PM ASTEC-ADN5-24-1PM Datasheet
105Kb / 2P
60-480 Watts
logo
Emerson Network Power
ADN5-24-1PM EMERSON-NETWORKPOWER-ADN5-24-1PM Datasheet
703Kb / 3P
Power Supply
logo
Astec America, Inc
ADN5-24-1PM ASTEC-ADN5-24-1PM Datasheet
730Kb / 3P
Adjusable Voltage
logo
Emerson Network Power
ADN5-24-1PM EMERSON-NETWORKPOWER-ADN5-24-1PM Datasheet
730Kb / 3P
ADN Series 60-480 Watts
ADN5-24-1PM-C EMERSON-NETWORKPOWER-ADN5-24-1PM-C Datasheet
506Kb / 3P
Slim form factor 120 - 480 Watts
More results


Similar Description - ADN5

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com