Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT2012CFP4A Datasheet (PDF) - NXP Semiconductors

MIMXRT2012CFP4A Datasheet PDF - NXP Semiconductors
Part # MIMXRT2012CFP4A
Download  MIMXRT2012CFP4A Download
File Size   1725.83 Kbytes
Page   103 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX RT1060X Crossover Processors for Extended Products

MIMXRT2012CFP4A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIMXRT2012CFP4A Datasheet PDF - NXP Semiconductors

Part # MIMXRT2012CFP4A
Download  MIMXRT2012CFP4A Click to download

File Size   1725.83 Kbytes
Page   103 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX RT1060X Crossover Processors for Extended Products

MIMXRT2012CFP4A Datasheet (HTML) - NXP Semiconductors


MIMXRT2012CFP4A Product details

Features
The i.MX RT1060X processors are based on Arm Cortex-M7 Core Platform, which has the following features:
•Supports single Arm Cortex-M7 Core with:
-32 KB L1 Instruction Cache
-32 KB L1 Data Cache
-Full featured Floating Point Unit (FPU) with support of the VFPv5 architecture
-Support the Armv7-M Thumb instruction set
•Integrated MPU, up to 16 individual protection regions
•Tightly coupled GPIOs, operating at the same frequency as Arm Core
•Up to 512 KB I-TCM and D-TCM in total
•Frequency of 600 MHz
•Cortex M7 CoreSight™ components integration for debug
•Frequency of the core, as per Table 9.
The SoC-level memory system consists of the following additional components:
•Boot ROM (128 KB)
•On-chip RAM (1 MB)
-512 KB OCRAM shared between ITCM/DTCM and OCRAM
-Dedicate 512 KB OCRAM
•External memory interfaces:
-8/16-bit SDRAM, up to SDRAM-133/SDRAM-166
-8/16-bit SLC NAND FLASH, with ECC handled in software
-SD/eMMC
-SPI NOR/NAND FLASH
-Parallel NOR FLASH with XIP support
-Two single/dual channel Quad SPI FLASH with XIP support
•Timers and PWMs:
-Two General Programmable Timers (GPT)
◦4-channel generic 32-bit resolution timer for each
◦Each support standard capture and compare operation
-Four Periodical Interrupt Timers (PIT)
◦Generic 32-bit resolution timer
◦Periodical interrupt generation
-Four Quad Timers (QTimer)
◦4-channel generic 16-bit resolution timer for each
◦Each support standard capture and compare operation
◦Quadrature decoder integrated
-Four FlexPWMs
◦Up to 8 individual PWM channels per each
◦16-bit resolution PWM suitable for Motor Control applications
-Four Quadrature Encoder/Decoders
Each i.MX RT1060X processor enables the following interfaces to external devices (some of them are muxed and not available simultaneously):
•Display Interface:
-Parallel RGB LCD interface
◦Support 8/16/24 bit interface
◦Support up to WXGA resolution
◦Support Index color with 256 entry x 24 bit color LUT
◦Smart LCD display with 8/16-bit MPU/8080 interface
•Audio:
-S/PDIF input and output
-Three synchronous audio interface (SAI) modules supporting I2S, AC97, TDM, and codec/DSP interfaces
-MQS interface for medium quality audio via GPIO pads
•Generic 2D graphics engine:
-BitBlit
-Flexible image composition options-alpha, chroma key
-Porter-duff blending
-Image rotation (90°, 180°, 270°)
-Image size
-Color space conversion
-Multiple pixel format support (RGB, YUV444, YUV422, YUV420, YUV400)
-Standard 2D-DMA operation
•Camera sensors:
-Support 24-bit, 16-bit, and 8-bit CSI input
•Connectivity:
-Two USB 2.0 OTG controllers with integrated PHY interfaces
-Two Ultra Secure Digital Host Controller (uSDHC) interfaces
◦MMC 4.5 compliance with HS200 support up to 200 MB/sec
◦SD/SDIO 3.0 compliance with 200 MHz SDR signaling to support up to 100 MB/sec
◦Support for SDXC (extended capacity)
-Two 10/100M Ethernet controllers with support for IEEE1588
-Eight universal asynchronous receiver/transmitter (UARTs) modules
-Four I2C modules
-Four SPI modules
-Two FlexCAN modules
-One FlexCAN (with Flexible Data-Rate supported)
-Three FlexIO modules
•GPIO and Pin Multiplexing:
-General-purpose input/output (GPIO) modules with interrupt capability
-Input/output multiplexing controller (IOMUXC) to provide centralized pad control
The i.MX RT1060X processors integrate advanced power management unit and controllers:
•Full PMIC integration, including on-chip DCDC and LDO
•Temperature sensor with programmable trim points
•GPC hardware power management controller
The i.MX RT1060X processors support the following system debug:
•Arm CoreSight debug and trace architecture
•Trace Port Interface Unit (TPIU) to support off-chip real-time trace
•Cross Triggering Interface (CTI)
•Support for 5-pin (JTAG) and SWD debug interfaces
The i.MX RT1060X processors support the following analog interfaces:
•Two Analog-Digital-Converters (ADC), 16-channel for each, 20-channel in total
•Four Analog Comparators (ACMP)
Security functions are enabled and accelerated by the following hardware:
•High Assurance Boot (HAB)
•Data Co-Processor (DCP):
-AES-128, ECB, and CBC mode
-SHA-1 and SHA-256
-CRC-32
•Bus Encryption Engine (BEE)
-AES-128, ECB, and CTR mode
-On-the-fly QSPI Flash decryption
•True random number generation (TRNG)
•Secure Non-Volatile Storage (SNVS)
-Secure real-time clock (RTC)
-Zero Master Key (ZMK)
•Secure JTAG Controller (SJC)




Similar Part No. - MIMXRT2012CFP4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MIMXRT2012CFP4A NXP-MIMXRT2012CFP4A Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
More results


Similar Description - MIMXRT2012CFP4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1060IEC NXP-IMXRT1060IEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Industrial Products
Rev. 0.2, 02/2020
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1064IEC NXP-IMXRT1064IEC Datasheet
1Mb / 113P
i.MX RT1064 Crossover Processors for Industrial Products
IMXRT1020IEC NXP-IMXRT1020IEC Datasheet
1Mb / 100P
i.MX RT1020 Crossover Processors for Industrial Products
Rev. 2, 03/2021
IMXRT1160XEC NXP-IMXRT1160XEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
IMXRT1060IEC NXP-IMXRT1060IEC_V01 Datasheet
1Mb / 114P
i.MX RT1060 Crossover Processors for Industrial Products
07/2020
IMXRT1060XCEC NXP-IMXRT1060XCEC Datasheet
1Mb / 102P
i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
IMXRT1040XEC NXP-IMXRT1040XEC Datasheet
1Mb / 106P
i.MX RT1040 Crossover Processors for Extended Industrial Products
Rev. 2 - 01/2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com