Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C1347B-100AI Datasheet (PDF) - Cypress Semiconductor

CY7C1347B-100AI Datasheet PDF - Cypress Semiconductor
Part # CY7C1347B-100AI
Download  CY7C1347B-100AI Download
File Size   730.18 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 36 Synchronous-Pipelined Cache RAM

CY7C1347B-100AI Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1347B-100AI Datasheet PDF - Cypress Semiconductor

Part # CY7C1347B-100AI
Download  CY7C1347B-100AI Click to download

File Size   730.18 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128K x 36 Synchronous-Pipelined Cache RAM

CY7C1347B-100AI Datasheet (HTML) - Cypress Semiconductor


CY7C1347B-100AI Product details

Functional Description
The CY7C1347B is a 3.3V, 128K by 36 synchronous-pipelined cache SRAM designed to support zero-wait-state secondary cache with minimal glue logic.
The CY7C1347B I/O pins can operate at either the 2.5V or the 3.3V level, the I/O pins are 3.3V tolerant when VDDQ = 2.5V.
All synchronous inputs pass through input registers controlled by the rising edge of the clock. All data outputs pass through output registers controlled by the rising edge of the clock. Maximum access delay from the clock rise is 3.5 ns (166-MHz device).
The CY7C1347B supports either the interleaved burst sequence used by the Intel Pentium processor or a linear burst sequence used by processors such as the PowerPC.

Features
• Supports 100-MHz bus for Pentium® and PowerPC™ operations with zero wait states
• Fully registered inputs and outputs for pipelined operation
• 128K by 36 common I/O architecture
• 3.3V core power supply
• 2.5V/3.3V I/O operation
• Fast clock-to-output times
   — 3.5 ns (for 166-MHz device)
   — 4.0 ns (for 133-MHz device)
   — 5.5 ns (for 100-MHz device)
• User-selectable burst counter supporting Intel® Pentium interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• JEDEC-standard 100 TQFP pinout
• “ZZ” Sleep Mode option and Stop Clock option
• Available in Industrial and Commercial Temperature ranges




Similar Part No. - CY7C1347B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-166AC CYPRESS-CY7C1347D-166AC Datasheet
389Kb / 21P
128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-200AC CYPRESS-CY7C1347D-200AC Datasheet
389Kb / 21P
128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-225BGC CYPRESS-CY7C1347D-225BGC Datasheet
389Kb / 21P
128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1347D-250AC CYPRESS-CY7C1347D-250AC Datasheet
389Kb / 21P
128K x 36 Synchronous-Pipelined Cache SRAM
More results


Similar Description - CY7C1347B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
64K x 32 Synchronous-Pipelined Cache RAM
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
128K x 32 Synchronous-Pipelined RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
64K x 32 Synchronous-Pipelined Cache RAM
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
256K x 18 Synchronous-Pipelined Cache RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
256K x 18 Synchronous-Pipelined Cache RAM
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
128K x 32 Synchronous Pipelined Cache RAM
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
128K x 36 Synchronous Flow-Through 3.3V Cache RAM
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
64K x 32 Synchronous-Pipelined Cache RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com