Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

744302010 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

744302010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 744302010
Download  744302010 Download
File Size   667.87 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-HCM SMT High Current Flat Wire Inductor

744302010 Datasheet (PDF)

Go To PDF Page Download Datasheet
744302010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744302010
Download  744302010 Click to download

File Size   667.87 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-HCM SMT High Current Flat Wire Inductor

744302010 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


744302010 Product details

General Information:
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Temperature rise is highly dependent on many factors including PCB land pattern, trace size, and
proximity to other components. Therefore, temperature rise should be verified in application
conditions.
Test conditions of Performance Rated Current: refer to IEC 62024-2, Class D (PCB Copper Width:
40 mm; PCB Copper Thickness: 1000 μm)
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 744302010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744302010 WURTH-744302010 Datasheet
144Kb / 4P
POWER-CHOKE WE-HCM-75
744302010 WURTH-744302010 Datasheet
1Mb / 6P
WE-HCM SMD High Current Flat Wire Inductor
744302010 WURTH-744302010_15 Datasheet
1Mb / 6P
WE-HCM SMD High Current Flat Wire Inductor
More results


Similar Description - 744302010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443081012 WURTH-7443081012 Datasheet
483Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.000
7443081018 WURTH-7443081018 Datasheet
483Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.000
7443082012B WURTH-7443082012B Datasheet
660Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
003.003
74431012012 WURTH-74431012012 Datasheet
686Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.002
74431012015 WURTH-74431012015 Datasheet
686Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.002
74431323016 WURTH-74431323016 Datasheet
689Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.002
74431435015 WURTH-74431435015 Datasheet
686Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
003.002
744302007 WURTH-744302007_V01 Datasheet
667Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
004.000
7443081030 WURTH-7443081030 Datasheet
483Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.000
7443081040 WURTH-7443081040 Datasheet
483Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com