Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOZ8S203BLS-05 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8S203BLS-05 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8S203BLS-05
Download  AOZ8S203BLS-05 Download
File Size   1483.05 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Single Channel Bidirectional TVS Diode

AOZ8S203BLS-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8S203BLS-05 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8S203BLS-05
Download  AOZ8S203BLS-05 Click to download

File Size   1483.05 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Single Channel Bidirectional TVS Diode

AOZ8S203BLS-05 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8S203BLS-05 Product details

General Description
The AOZ8S203BLS is a single channel transient voltage
suppressor designed to protect high speed data lines and
voltage sensitive electronics from high transient conditions
and ESD.
The AOZ8S203BLS comes in an RoHS compliant package
and is rated over a -40°C to +125°C ambient temperature
range.
The ultra-small 0.6 mm x 0.3 mm 0201 footprint package
makes the AOZ8S203BLS ideal for applications where PCB
space is a premium. The small size and high ESD protection
makes it ideal for protecting voltage sensitive electronics
from high transient conditions and ESD.

Features
• E-S D protection for high-speed data lines: IEC 61000 4-2, ESD immunity:
- Air discharge: ±15 kV
- Contact Discharge: ±15 kV
- IEC 61000-4-5 (Lightning 8/20 μs): 7 A
- IEC 61000-4-4 EFT (5/50 ns): 80 A
- Human Body Mode: ±8 kV
• Bidirectional TVS
• Low capacitance: 0.15 pF
• Low clamping voltage
• Low operating voltage: 3.3 V, 5 V

Applications
• USB4, Thunderbolt 4, PCI Express
• Mobile phones
• Notebook computers




Similar Part No. - AOZ8S203BLS-05

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8S204BL2 AOSMD-AOZ8S204BL2 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
AOZ8S204BL2-03 AOSMD-AOZ8S204BL2-03 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
AOZ8S204BL2-05 AOSMD-AOZ8S204BL2-05 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
AOZ8S204BLS AOSMD-AOZ8S204BLS Datasheet
603Kb / 6P
Single Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 March 2021
AOZ8S204BLS-03 AOSMD-AOZ8S204BLS-03 Datasheet
603Kb / 6P
Single Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 March 2021
More results


Similar Description - AOZ8S203BLS-05

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8251ADI AOSMD-AOZ8251ADI Datasheet
452Kb / 8P
Single Channel Bidirectional TVS Diode
AOZ8S204BLS AOSMD-AOZ8S204BLS Datasheet
603Kb / 6P
Single Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 March 2021
AOZ8S205BLS AOSMD-AOZ8S205BLS Datasheet
637Kb / 6P
Single Channel Bidirectional 0.075 pF TVS Diode
Rev. 1.1 April 2021
AOZ8S303BLS-11 AOSMD-AOZ8S303BLS-11 Datasheet
635Kb / 6P
Single Channel Bidirectional TVS Diode
Rev. 1.0 September 2020
AOZ8S305BLS-24 AOSMD-AOZ8S305BLS-24 Datasheet
388Kb / 5P
Single Channel Bidirectional TVS Diode
Rev. 1.0 April 2021
AOZ8S305BLS AOSMD-AOZ8S305BLS Datasheet
2Mb / 6P
Single Channel Bidirectional TVS Diode
Rev. 1.0 July 2020
AOZ8660BLS-01 AOSMD-AOZ8660BLS-01 Datasheet
316Kb / 5P
Single Channel Bidirectional 0.15 pF TVS Diode
Rev. 1.0 February 2022
logo
Diodes Incorporated
D24V0S1B2TQ DIODES-D24V0S1B2TQ Datasheet
341Kb / 5P
SINGLE CHANNEL BIDIRECTIONAL TVS DIODE
August 2022 Rev. 2 - 2
DESD3V3L2BTQ DIODES-DESD3V3L2BTQ Datasheet
438Kb / 5P
TWO CHANNEL BIDIRECTIONAL TVS DIODE
June 2021 Rev. 3 - 2
logo
Alpha & Omega Semicondu...
AOZ8S303BLS-24 AOSMD-AOZ8S303BLS-24 Datasheet
939Kb / 6P
Single Channel Bidirectional TVS Diode
Rev. 2.0 March 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com