Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XDPE152C4D Datasheet (PDF) - Infineon Technologies AG

XDPE152C4D Datasheet PDF - Infineon Technologies AG
Part # XDPE152C4D
Download  XDPE152C4D Download
File Size   153.9 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XDPE152C4D Digital Multi-phase Controller 12-phase Dual Loop Voltage Regulator

XDPE152C4D Datasheet (PDF)

Go To PDF Page Download Datasheet
XDPE152C4D Datasheet PDF - Infineon Technologies AG

Part # XDPE152C4D
Download  XDPE152C4D Click to download

File Size   153.9 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XDPE152C4D Digital Multi-phase Controller 12-phase Dual Loop Voltage Regulator

XDPE152C4D Datasheet (HTML) - Infineon Technologies AG


XDPE152C4D Product details

Features
 Digital controller assisted with high performance analog front ends with a fully programmable ARM®
CortexTM –M0 Processor
 Compliant with Intel™ VR13, VR13HC, and VR14 Server VR Vendor PWM Enabling Specification Rev 1.88
(October 2021)
 Compliant with Intel™ SVID Rev 1.94 (April 2021)
 Compliant with PMBus Rev 1.3.1 (March 2015) serial interface
− Query voltage, current, temperature faults
− Fault Response
− Maximum supported bus speed 1 MHz
− Support 1.8/3.3 V operation
 Output voltage regulation range
− 0.25 V to 1.52 V (5 mV/step)
− 0.5 V to 3.04 V (10 mV/step)
 Digitally controlled phasing for full flexibility in both loop configuration and phase firing order
 Digital current emulation for TLVR inductor support
 Configurable autonomous phase add/drop
 Automatic phase detection at start-up
 Supports start-up into pre-bias voltage
 Integrated power stage current sense
 Differential output voltage sense
 Fast current balancing with current-mode control
 Digitally programmable PID (Proportional, Integral, Differential) loop compensation
 Digitally programmable loadline slope
 Digital temperature compensation
 Direct input (+12 V) voltage and current sense
 Extensive fault detection and protection capability
− IUVP, OUVP & OOVP (fixed and tracking)
− OCP instantaneous (total current)
− Multiple OTP thresholds
− Peak phase current pulse limiting
− Negative current limit protection
− TLVR secondary Open/Short detection
 Internal non-volatile memory (NVM) to store multiple custom configurations
 RoHS compliant and Halogen free 48-lead QFN plastic package




Similar Part No. - XDPE152C4D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XDPE15254D INFINEON-XDPE15254D Datasheet
169Kb / 7P
Digital Multi-phase Controller 5-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
XDPE15284D INFINEON-XDPE15284D Datasheet
153Kb / 7P
XDPE15284D Digital Multi-phase Controller 8-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
XDPE15284D0000XUMA1 INFINEON-XDPE15284D0000XUMA1 Datasheet
153Kb / 7P
XDPE15284D Digital Multi-phase Controller 8-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
XDPE15284DXYZZXUMA1 INFINEON-XDPE15284DXYZZXUMA1 Datasheet
153Kb / 7P
XDPE15284D Digital Multi-phase Controller 8-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
More results


Similar Description - XDPE152C4D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A_15 Datasheet
355Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A_15 Datasheet
413Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
Dual Output Digital Multi-Phase Controller
logo
Infineon Technologies A...
XDPE15284D INFINEON-XDPE15284D Datasheet
153Kb / 7P
XDPE15284D Digital Multi-phase Controller 8-phase Dual Loop Voltage Regulator
Rev 2.0 2022-03-31
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com