Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BB-9PAMF6 Datasheet (PDF) - Advantech Co., Ltd.

BB-9PAMF6 Datasheet PDF - Advantech Co., Ltd.
Part # BB-9PAMF6
Download  BB-9PAMF6 Download
File Size   336.48 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Isolated Serial Converter

BB-9PAMF6 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB-9PAMF6 Datasheet PDF - Advantech Co., Ltd.

Part # BB-9PAMF6
Download  BB-9PAMF6 Click to download

File Size   336.48 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Isolated Serial Converter

BB-9PAMF6 Datasheet (HTML) - Advantech Co., Ltd.


BB-9PAMF6 Product details

Features
Converts RS-232 data signals to RS-422/485
1500V optical isolation for data lines and ground
Data rate: up to 9600 bps
Inline installation
10 to 14 Vdc power supply (required, not included, sold separately)
cULus, FCC, CE




Similar Part No. - BB-9PAMF6

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
381Kb / 1P
Isolated In-line Serial Converters
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
746Kb / 1P
DB9M to DB9F Serial Cables
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
548Kb / 2P
Port-powered RS-232 to RS-422 Converter
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
419Kb / 1P
RS-422/485 Converter, Industrial
8-Apr-2021
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
395Kb / 2P
AirborneM2M™ Ethernet Dual Band (2.4 GHz, 5 GHz) Industrial Access Point
More results


Similar Description - BB-9PAMF6

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
logo
Murata Power Solutions ...
EUS34-096 MURATA-PS-EUS34-096 Datasheet
165Kb / 3P
Isolated Bus Converter
QUS40-096 MURATA-PS-QUS40-096 Datasheet
176Kb / 3P
Isolated Bus Converter
logo
List of Unclassifed Man...
LPM232-B ETC2-LPM232-B Datasheet
134Kb / 4P
Serial Converter
UT503 ETC2-UT503 Datasheet
137Kb / 1P
Industrial Isolated Converter
logo
Red Lion Controls. Inc
SER-485-IR REDLION-SER-485-IR Datasheet
717Kb / 2P
Industrial Isolated Converter
SER-485-IC REDLION-SER-485-IC Datasheet
611Kb / 2P
Industrial Isolated Converter
ICM50000 REDLION-ICM50000 Datasheet
635Kb / 4P
MODEL ICM5 ??THREE WAY ISOLATED SERIAL CONVERTER MODULE
logo
Advantech Co., Ltd.
485LDRC9 ADVANTECH-485LDRC9 Datasheet
576Kb / 2P
Industrial Isolated Converter
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com