Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6486T-E/LTVAO Datasheet (PDF) - Microchip Technology

MCP6486T-E/LTVAO Datasheet PDF - Microchip Technology
Part # MCP6486T-E/LTVAO
Download  MCP6486T-E/LTVAO Download
File Size   1524.63 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10 MHz Operational Amplifier with EMI Filtering

MCP6486T-E/LTVAO Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6486T-E/LTVAO Datasheet PDF - Microchip Technology

Part # MCP6486T-E/LTVAO
Download  MCP6486T-E/LTVAO Click to download

File Size   1524.63 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10 MHz Operational Amplifier with EMI Filtering

MCP6486T-E/LTVAO Datasheet (HTML) - Microchip Technology


MCP6486T-E/LTVAO Product details

Description
The Microchip Technology Inc. MCP6486/6R/6U/7/9
Operational Amplifier operates with a single-supply
voltage, as low as 1.8V, while drawing low-quiescent
current (720 μA, maximum per amplifier). This op amp
also has low-input offset voltage (±1.6 mV, maximum)
and rail-to-rail input and output operation. In addition,
the MCP6486/6R/6U/7/9 is unity gain stable and has a
gain bandwidth product of 10 MHz (typical).
The MCP6486/6R/6U/7/9 has EMI protection to
minimize the effects of electromagnetic interference
from external sources. This feature makes it suited for
EMI sensitive applications such as power lines, radio
stations and mobile communications.
This family is offered in single (MCP6486), dual
(MCP6487) and quad (MCP6489) packages. All
devices are designed using an advanced CMOS
process and fully specified in the extended temperature
range from -40°C to +125°C.

Features
• Low Quiescent Current:
- 720 μA (maximum)/amplifier
• Low Input Offset Voltage:
- ±1.6 mV (maximum)
• Enhanced EMI Protection
• Supply Voltage Range: 1.8V to 5.5V
• Gain Bandwidth Product: 10 MHz (typical)
• Rail-to-Rail Input/Output
• Unity Gain Stable
• No Phase Reversal
• Quick Start-up Time
• Small Packages:
- Singles in SC70-5, SOT-23-5
- Dual in SOIC-8, MSOP-8
- Quad in SOIC-14, TSSOP-14
• Extended Temperature Range:-40°C to +125°C
• AEC Q100 Qualified

Applications
• Automotive
• Portable Equipment
• Medical Diagnostic Equipment
• Active Filters
• Sensor Conditioning




Similar Part No. - MCP6486T-E/LTVAO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6481 MICROCHIP-MCP6481 Datasheet
1Mb / 50P
4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6481T-E/LTY MICROCHIP-MCP6481T-E/LTY Datasheet
1Mb / 50P
4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6481T-E/OT MICROCHIP-MCP6481T-E/OT Datasheet
1Mb / 50P
4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6482 MICROCHIP-MCP6482 Datasheet
1Mb / 50P
4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
MCP6482-E/MS MICROCHIP-MCP6482-E/MS Datasheet
1Mb / 50P
4 MHz, Low-Input Bias Current Op Amps
Revision C June 2013
More results


Similar Description - MCP6486T-E/LTVAO

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
EMI Filtering TVS
logo
AVX Corporation
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
EMI Filtering, Broadband Filtering, LCD Filtering
logo
Texas Instruments
MCP6291 TI1-MCP6291_17 Datasheet
1Mb / 28P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_18 Datasheet
1Mb / 32P
10-MHz, Rail-to-Rail Operational Amplifier
logo
Microchip Technology
MCP6V51 MICROCHIP-MCP6V51 Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6006 MICROCHIP-MCP6006 Datasheet
3Mb / 46P
1 MHz Operational Amplifier with EMI Filtering
02/28/20
MCP6421 MICROCHIP-MCP6421_V01 Datasheet
1Mb / 34P
1 MHz Operational Amplifier with EMI Filtering
11/07/16
MCP6476 MICROCHIP-MCP6476 Datasheet
1Mb / 46P
3 MHz Operational Amplifier with EMI Filtering
02/28/20
MCP6V51 MICROCHIP-MCP6V51_V01 Datasheet
5Mb / 50P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
Revision B (May 2022)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com