Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AA1000-100-12X Datasheet (PDF) - Vishay Barry

AA1000-100-12X Datasheet PDF - Vishay Barry
Part # AA1000-100-12X
Download  AA1000-100-12X Download
File Size   122.51 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride 10 dB FLANGED ATTENUATOR

AA1000-100-12X Datasheet (PDF)

Go To PDF Page Download Datasheet
AA1000-100-12X Datasheet PDF - Vishay Barry

Part # AA1000-100-12X
Download  AA1000-100-12X Click to download

File Size   122.51 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride 10 dB FLANGED ATTENUATOR

AA1000-100-12X Datasheet (HTML) - Vishay Barry


AA1000-100-12X Product details

General Description:
The AA1000-100-12X is a flanged 10 dB,
Aluminum Nitride attenuator. It has an input power
rating of 100 watts, while maintaining a constant
flange temperature of 100°C. It offers a frequency
range from DC to 2.5 GHz.

Features:
♦ Aluminum Nitride Material
♦ DC - 2.5 GHz Performance
♦ 100 Watt Input Power
♦ Flange Mount




Similar Part No. - AA1000-100-12X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA1000-100-13X BARRY-AA1000-100-13X Datasheet
129Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Rev. C
More results


Similar Description - AA1000-100-12X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0175-250-17X BARRY-AA0175-250-17X Datasheet
78Kb / 1P
Aluminum Nitride 1.75 dB FLANGED ATTENUATOR
Revision Date 03/20/12
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0600-100-3X BARRY-AA0600-100-3X Datasheet
83Kb / 1P
Aluminum Nitride 6 dB FLANGED ATTENUATOR
Revision Date 05/16/12
AA1000-100-13X BARRY-AA1000-100-13X Datasheet
129Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Rev. C
AA1000-40-3X BARRY-AA1000-40-3X Datasheet
167Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Revision Date 11/5/07
AA1000-75-1X BARRY-AA1000-75-1X Datasheet
196Kb / 1P
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Revision Date 8/30/07
AA1500-75-1X BARRY-AA1500-75-1X Datasheet
140Kb / 1P
Aluminum Nitride 15 dB FLANGED ATTENUATOR
Revision Date 06/15/09
AA2000-100-3X BARRY-AA2000-100-3X Datasheet
131Kb / 1P
Aluminum Nitride 20 dB FLANGED ATTENUATOR
Rev. C
AA2500-150-5X BARRY-AA2500-150-5X Datasheet
143Kb / 1P
Aluminum Nitride 25 dB FLANGED ATTENUATOR
Revision Date 04/15/10
AA3000-100-3X BARRY-AA3000-100-3X Datasheet
137Kb / 1P
ALUMINUM NITRIDE 30 dB FLANGED ATTENUATOR
Rev. C
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com