Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOZ2253LQI-30 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ2253LQI-30 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ2253LQI-30
Download  AOZ2253LQI-30 Download
File Size   2092.52 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 28V/8A Synchronous EZBuckTM Regulator

AOZ2253LQI-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ2253LQI-30 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ2253LQI-30
Download  AOZ2253LQI-30 Click to download

File Size   2092.52 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 28V/8A Synchronous EZBuckTM Regulator

AOZ2253LQI-30 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ2253LQI-30 Product details

General Description
The AOZ2253LQI-30 is a high-efficiency, easy-to-use
DC/DC synchronous buck regulator that operates up to 28 V.
The device is capable of supplying 8 A of continuous output
current with an output voltage adjustable down to 0.6 V ±1%.
The AOZ2253LQI-30 integrates an internal linear regulator
to generate 5.3 V VCC from input. If input voltage is lower
than 5.3 V, the linear regulator operates at low drop output
mode, which allows the VCC voltage is equal to input voltage
minus the drop-output voltage of the internal linear regulator.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over the
entire input voltage range.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection, and
thermal shutdown.
The AOZ2253LQI-30 is available in a 4 mm × 4 mm QFN-
22L package and is rated over a -40°C to +85°C ambient
temperature range.

Features
• Wide input voltage range
- 6.5 V to 28 V
• 8 A continuous output current
• Output voltage adjustable down to 0.6 V (±1.0%)
• Low RDS(ON) internal NFETs
- 28 mΩ high-side
- 11 mΩ low-side
• Constant on-time with input feed-forward
• Ceramic capacitor stable
• Adjustable soft start
• Integrated bootstrap diode
• Cycle-by-cycle current limit
• Short-circuit protection
• Thermal shutdown
• Thermally enhanced 4 mm x 4 mm QFN-22L package

Applications
• Compact desktop PCs
• Graphics cards
• Set-top boxes
• LCD TVs
• Cable modems
• Point-of-load DC/DC converters
• Telecom/Networking/Datacom equipment




Similar Part No. - AOZ2253LQI-30

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ2253EQI-30 AOSMD-AOZ2253EQI-30 Datasheet
1Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev 1.1 March 2018
AOZ2253EQI-31 AOSMD-AOZ2253EQI-31 Datasheet
1Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev 1.1 March 2018
AOZ2253TQI-11 AOSMD-AOZ2253TQI-11 Datasheet
1Mb / 17P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 May 2019
AOZ2253TQI-20 AOSMD-AOZ2253TQI-20 Datasheet
1Mb / 17P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 May 2019
More results


Similar Description - AOZ2253LQI-30

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1233-01 AOSMD-AOZ1233-01 Datasheet
793Kb / 17P
28V/8A Synchronous EZBuckTM Regulator
AOZ1233QI-01 AOSMD-AOZ1233QI-01 Datasheet
793Kb / 17P
28V/8A Synchronous EZBuckTM Regulator
AOZ1237QI-01 AOSMD-AOZ1237QI-01 Datasheet
882Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2237QI-01 AOSMD-AOZ2237QI-01 Datasheet
1Mb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2261QI-10 AOSMD-AOZ2261QI-10 Datasheet
954Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2261QI-15 AOSMD-AOZ2261QI-15 Datasheet
955Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2253TQI-11 AOSMD-AOZ2253TQI-11 Datasheet
1Mb / 17P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 May 2019
AOZ2254TQI-20 AOSMD-AOZ2254TQI-20 Datasheet
1Mb / 17P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 May 2019
AOZ2261AQI-10 AOSMD-AOZ2261AQI-10 Datasheet
1Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2261AQI-15 AOSMD-AOZ2261AQI-15 Datasheet
1Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com