Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TBN6301 Datasheet (PDF) - Tachyonics CO,. LTD

TBN6301 Datasheet PDF - Tachyonics CO,. LTD
Part # TBN6301
Download  TBN6301 Download
File Size   224.14 Kbytes
Page   6 Pages
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD
Description NPN SILICON RF TRANSISTOR

TBN6301 Datasheet (PDF)

Go To PDF Page Download Datasheet
TBN6301 Datasheet PDF - Tachyonics CO,. LTD

Part # TBN6301
Download  TBN6301 Click to download

File Size   224.14 Kbytes
Page   6 Pages
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD
Description NPN SILICON RF TRANSISTOR

TBN6301 Datasheet (HTML) - Tachyonics CO,. LTD


TBN6301 Product details

□ Features
- High gain bandwidth product
   fT = 6 GHz @ VCE = 3 V, IC = 10 mA
   fT = 7.5 GHz @ VCE = 5 V, IC = 20 mA
- High power gain
   |S21|2 = 9 dB @ VCE = 3 V, IC = 10 mA, f = 1 GHz
- Low noise figure
   NF = 1.4 dB @ VCE = 3 V, IC = 10 mA, f = 1 GHz

□ Applications
- UHF and VHF wide band amplifier




Similar Part No. - TBN6301

ManufacturerPart #DatasheetDescription
logo
AUK corp
TBN6301 AUK-TBN6301 Datasheet
213Kb / 6P
Si NPN Transistor
TBN6301E AUK-TBN6301E Datasheet
213Kb / 6P
Si NPN Transistor
TBN6301S AUK-TBN6301S Datasheet
213Kb / 5P
Si NPN Transistor
TBN6301U AUK-TBN6301U Datasheet
213Kb / 6P
Si NPN Transistor
More results


Similar Description - TBN6301

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com