Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2E1A72DFMBC0 Datasheet (PDF) - Renesas Technology Corp

R7FA2E1A72DFMBC0 Datasheet PDF - Renesas Technology Corp
Part # R7FA2E1A72DFMBC0
Download  R7FA2E1A72DFMBC0 Download
File Size   2617.92 Kbytes
Page   117 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.

R7FA2E1A72DFMBC0 Datasheet (PDF)

Go To PDF Page Download Datasheet
R7FA2E1A72DFMBC0 Datasheet PDF - Renesas Technology Corp

Part # R7FA2E1A72DFMBC0
Download  R7FA2E1A72DFMBC0 Click to download

File Size   2617.92 Kbytes
Page   117 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.

R7FA2E1A72DFMBC0 Datasheet (HTML) - Renesas Technology Corp


R7FA2E1A72DFMBC0 Product details

Features
■ Arm Cortex-M23 Core
● Armv8-M architecture
● Maximum operating frequency: 48 MHz
● Arm Memory Protection Unit (Arm MPU) with 8 regions
● Debug and Trace: DWT, FPB, CoreSight™ MTB-M23
● CoreSight Debug Port: SW-DP
■ Memory
● Up to 128-KB code flash memory
● 4-KB data flash memory (100,000 program/erase (P/E) cycles)
● 16-KB SRAM
● Memory protection units
● 128-bit unique ID
■ Connectivity
● Serial Communications Interface (SCI) × 4
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Simple IIC
– Simple SPI
– Smart card interface
● Serial Peripheral Interface (SPI) × 1
● I2C bus interface (IIC) × 1
■ Analog
● 12-bit A/D Converter (ADC12)
● Low-Power Analog Comparator (ACMPLP) × 2
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 32-bit (GPT32) × 1
● General PWM Timer 16-bit (GPT16) × 6
● Low Power Asynchronous General Purpose Timer (AGT) × 2
● Watchdog Timer (WDT)
■ Safety
● SRAM parity error check
● Flash area protection
● ADC self-diagnosis function
● Clock Frequency Accuracy Measurement Circuit (CAC)
● Cyclic Redundancy Check (CRC) calculator
● Data Operation Circuit (DOC)
● Port Output Enable for GPT (POEG)
● Independent Watchdog Timer (IWDT)
● GPIO readback level detection
● Register write protection
● Main oscillator stop detection
● Illegal memory access detection
■ Security and Encryption
● AES128/256
● True Random Number Generator (TRNG)
■ System and Power Management
● Low power modes
● Realtime Clock (RTC)
● Event Link Controller (ELC)
● Data Transfer Controller (DTC)
● Key Interrupt Function (KINT)
● Power-on reset
● Low Voltage Detection (LVD) with voltage settings
■ Human Machine Interface (HMI)
● Capacitive Sensing Unit (CTSU2)
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (1 to 20 MHz)
● Sub-clock oscillator (SOSC) (32.768 kHz)
● High-speed on-chip oscillator (HOCO) (24/32/48/64 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● IWDT-dedicated on-chip oscillator (15 kHz)
● Clock out support
■ Up to 56 pins for general I/O ports
● 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating Voltage
● VCC: 1.6 to 5.5 V
■ Operating Temperature and Packages
● Ta = -40℃ to +85℃
– 64-pin LQFP (14 mm × 14 mm, 0.8 mm pitch)
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 64-pin BGA (4 mm × 4 mm, 0.4 mm pitch)
– 48-pin LQFP (7 mm × 7 mm, 0.5 mm pitch)
– 48-pin HWQFN (7 mm × 7 mm, 0.5 mm pitch)
– 36-pin LGA (4 mm × 4 mm, 0.5 mm pitch)
– 32-pin LQFP (7 mm × 7 mm, 0.8 mm pitch)
– 32-pin HWQFN (5 mm × 5 mm, 0.5 mm pitch)
– 25-pin WLCSP (2.14 mm × 2.27 mm, 0.4 mm pitch)
● Ta = -40℃ to +105℃
– 64-pin LQFP (14 mm × 14 mm, 0.8 mm pitch)
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 64-pin BGA (4 mm × 4 mm, 0.4 mm pitch)
– 48-pin LQFP (7 mm × 7 mm, 0.5 mm pitch)
– 48-pin HWQFN (7 mm × 7 mm, 0.5 mm pitch)
– 36-pin LGA (4 mm × 4 mm, 0.5 mm pitch)
– 32-pin LQFP (7 mm × 7 mm, 0.8 mm pitch)
– 32-pin HWQFN (5 mm × 5 mm, 0.5 mm pitch)
– 25-pin WLCSP (2.14 mm × 2.27 mm, 0.4 mm pitch)




Similar Part No. - R7FA2E1A72DFMBC0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FA2E1A72DFM RENESAS-R7FA2E1A72DFM Datasheet
2Mb / 114P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Feb 9, 2022
R7FA2E1A72DFM RENESAS-R7FA2E1A72DFM Datasheet
2Mb / 121P
Renesas Microcontrollers
Rev.1.70 Oct 31, 2025
More results


Similar Description - R7FA2E1A72DFMBC0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
Renesas Technology Corp
RA2L1 RENESAS-RA2L1 Datasheet
1Mb / 110P
Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
RA2E1 RENESAS-RA2E1 Datasheet
2Mb / 114P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Feb 9, 2022
RA2E2 RENESAS-RA2E2 Datasheet
1Mb / 98P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 64-KB code flash memory, 8-KB SRAM, 12-bit A/D Converter, Security and Safety features.
Mar 31, 2022
RA2L1 RENESAS-RA2L1_V01 Datasheet
1Mb / 111P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 256-KB code flash memory, 32 KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, 12-bit D/A Converter, Security and Safety features.
May 20, 2022
S5D5 RENESAS-S5D5 Datasheet
1Mb / 100P
Leading performance 120 MHz Arm® Cortex®-M4 core, up to 1-MB code flash memory, 384-KB SRAM
Rev.1.30 Aug 2019
logo
STMicroelectronics
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
logo
NXP Semiconductors
LPC86X NXP-LPC86X Datasheet
1Mb / 99P
32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
Rev. 3 - 28 April 2023
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com