Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOZ2295AQI-03 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ2295AQI-03 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ2295AQI-03
Download  AOZ2295AQI-03 Download
File Size   1135.41 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 25V Input, 3.3V/12A Output Synchronous EZBuckTM Regulator

AOZ2295AQI-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ2295AQI-03 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ2295AQI-03
Download  AOZ2295AQI-03 Click to download

File Size   1135.41 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 25V Input, 3.3V/12A Output Synchronous EZBuckTM Regulator

AOZ2295AQI-03 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ2295AQI-03 Product details

General Description
The AOZ2295AQI-03 is a high-efficiency, easy-to-use DC/
DC buck regulator that targeted for system-power supply
solution. The devices are capable of supplying 12A of
continuous output current with 3.3V output voltage.
The AOZ2295AQI-03 integrates an internal linear regulator
to generate 5.0V VCC from input. If input voltage is lower
than 5.0V, the linear regulator operates at low drop output
mode, which allows the VCC voltage is equal to input voltage
minus the drop-output voltage of the internal linear regulator.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over the
entire input voltage range.
The device features multiple protection functions such as
LDO under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection, and
thermal shutdown.
The AOZ2295AQI-03 is available in a 4mm×4mm QFN - 31L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
• Wide input voltage range
- 5.5 V to 25 V
• 12 A continuous output current
• 16A output peak current
• Output voltage: 3.3V ±3.0%
• Low RDS(ON) internal NFETs
- 8 mΩ high-side
- 2 mΩ low-side
• 5V LDO Output
• Constant On-Time with input feed-forward
• Ripple Reduction at light load
• Ton Extension Mode
• Ultrasonic Mode
• Ceramic capacitor stable
• Adjustable soft start
• Power Good output
• Integrated bootstrap diode
• Cycle-by-cycle current limit
• Short-circuit protection
• Thermal shutdown
• Thermally enhanced 31-pin 4mm× 4mm QFN

Applications
• Notebook computers
• Tablet computers




Similar Part No. - AOZ2295AQI-03

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ2297QI-03 AOSMD-AOZ2297QI-03 Datasheet
3Mb / 21P
25 V Input, 3.3 V/18 A Output Synchronous EZBuckTM Regulator
Rev. 1.0 July 2024
More results


Similar Description - AOZ2295AQI-03

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1269QI-02 AOSMD-AOZ1269QI-02 Datasheet
746Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
AOZ2255LQI-31 AOSMD-AOZ2255LQI-31 Datasheet
1Mb / 16P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 September 2019
AOZ2263BQI-15 AOSMD-AOZ2263BQI-15 Datasheet
2Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 1.1 September 2022
AOZ22555QI AOSMD-AOZ22555QI Datasheet
2Mb / 16P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2255EQI-30 AOSMD-AOZ2255EQI-30 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.2 June 2018
AOZ2263AQI-10 AOSMD-AOZ2263AQI-10 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2263AQI-18 AOSMD-AOZ2263AQI-18 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2387QI AOSMD-AOZ2387QI Datasheet
3Mb / 18P
25V/20A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
AOZ2388QI AOSMD-AOZ2388QI Datasheet
2Mb / 18P
25V/25A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
AOZ22557QI AOSMD-AOZ22557QI Datasheet
2Mb / 18P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 April 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com