Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGC-2386Z Datasheet (PDF) - SIRENZA MICRODEVICES

SGC-2386Z Datasheet PDF - SIRENZA MICRODEVICES
Part # SGC-2386Z
Download  SGC-2386Z Download
File Size   266.35 Kbytes
Page   5 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 50-4000 MHz Silicon Germanium Cascadable Gain Block

SGC-2386Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SGC-2386Z Datasheet PDF - SIRENZA MICRODEVICES

Part # SGC-2386Z
Download  SGC-2386Z Click to download

File Size   266.35 Kbytes
Page   5 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 50-4000 MHz Silicon Germanium Cascadable Gain Block

SGC-2386Z Datasheet (HTML) - SIRENZA MICRODEVICES


SGC-2386Z Product details

Product Description
Sirenza Microdevices’ SGC-2386Z is a high performance SiGe HBT MMIC amplifier utilizing a Darlington configuration with a patented active bias network. The active bias network provides stable current over temperature and process Beta variations. Designed to run directly from a 3V supply, the SGC-2386Z does not require a dropping resistor as compared to typical Darlington amplifiers. The SGC-2386Z is designed for high linearity 3V gain block applications that require small size and minimal external components. It is internally matched to 50 ohms.

Product Features
• Single Fixed 3V Supply
• No Dropping Resistor Required
• Patented Self-Bias Circuitry
• P1dB = 9.7 dBm at 1950 MHz
• OIP3 = 23 dBm at 1950 MHz
• Robust 1000V ESD, Class 1C HBM

Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS, WCDMA
• IF Amplifier
• Wireless Data, Satellite




Similar Part No. - SGC-2386Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
257Kb / 5P
50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
More results


Similar Description - SGC-2386Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-2363Z SIRENZA-SGC-2363Z Datasheet
307Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2486Z SIRENZA-SGC-2486Z Datasheet
265Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4463Z SIRENZA-SGC-4463Z Datasheet
307Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4486Z SIRENZA-SGC-4486Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z Datasheet
296Kb / 6P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6389Z SIRENZA-SGC-6389Z Datasheet
310Kb / 6P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z_1 Datasheet
296Kb / 6P
50-4000 MHz Silicon Germanium Cascadable Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com