Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WED3DL644V Datasheet (PDF) - White Electronic Designs Corporation

WED3DL644V Datasheet PDF - White Electronic Designs Corporation
Part # WED3DL644V
Download  WED3DL644V Download
File Size   918.85 Kbytes
Page   28 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 4Mx64 SDRAM

WED3DL644V Datasheet (PDF)

Go To PDF Page Download Datasheet
WED3DL644V Datasheet PDF - White Electronic Designs Corporation

Part # WED3DL644V
Download  WED3DL644V Click to download

File Size   918.85 Kbytes
Page   28 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 4Mx64 SDRAM

WED3DL644V Datasheet (HTML) - White Electronic Designs Corporation


WED3DL644V Product details

DESCRIPTION
The WED3DL644V is a 4Mx64 Synchronous DRAM confi gured as 4x1Mx64. The SDRAM BGA is constructed with four 4Mx16 SDRAM die mounted on a multi-layer laminate substrate and packaged in a 153 lead, 17mm by 23mm, BGA.
The WED3DL644V is available in clock speeds of 133MHZ, 125MHZ and 100MHZ. The range of operating frequencies, programmable burst lengths and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications.

FEATURES
■ 53% Space Savings vs. Monolithic Solution
■ Reduced System Inductance and Capacitance
■ 3.3V Operating Supply Voltage
■ Fully Synchronous to Positive Clock Edge
■ Clock Frequencies of 133, 125 and 100MHZ
■ Burst Operation
   ■ Sequential or Interleaved
   ■ Burst Length = Programmable 1, 2, 4, 8 or Full Page
   ■ Burst Read and Write
   ■ Multiple Burst Read and Single Write
■ Data Mask Control Per Byte
■ Auto and Self Refresh
■ Automatic and Controlled Precharge Commands
■ Suspend Mode and Power Down Mode
■ 17mm x 23mm, 153 BGA




Similar Part No. - WED3DL644V

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DL3216V WEDC-WED3DL3216V Datasheet
804Kb / 27P
16Mx32 SDRAM
WED3DL3216V10BC WEDC-WED3DL3216V10BC Datasheet
804Kb / 27P
16Mx32 SDRAM
WED3DL3216V10BI WEDC-WED3DL3216V10BI Datasheet
804Kb / 27P
16Mx32 SDRAM
WED3DL3216V10ES WEDC-WED3DL3216V10ES Datasheet
804Kb / 27P
16Mx32 SDRAM
WED3DL3216V7BC WEDC-WED3DL3216V7BC Datasheet
804Kb / 27P
16Mx32 SDRAM
More results


Similar Description - WED3DL644V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM50S116T ETC-TM50S116T Datasheet
784Kb / 6P
SDRAM
TM54S416T ETC-TM54S416T Datasheet
767Kb / 6P
SDRAM
logo
Hanbit Electronics Co.,...
HMD4M64D16E HANBIT-HMD4M64D16E Datasheet
525Kb / 16P
32Mbyte(4Mx64) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD4M64D16EV HANBIT-HMD4M64D16EV Datasheet
98Kb / 8P
32Mbyte(4Mx64) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
HMD4M64D16V HANBIT-HMD4M64D16V Datasheet
523Kb / 16P
32Mbyte(4Mx64) Fast Page Mode 4K Ref. 3.3V, DIMM 168 pin
HSD4M64D4B HANBIT-HSD4M64D4B Datasheet
127Kb / 10P
Synchronous DRAM Module 32Mbyte (4Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
logo
White Electronic Design...
WED3DG644V-D1 WEDC-WED3DG644V-D1 Datasheet
186Kb / 8P
32MB - 4Mx64 SDRAM, UNBUFFERED
WEDPN4M64V-XBX WEDC-WEDPN4M64V-XBX Datasheet
317Kb / 12P
4Mx64 Synchronous DRAM
logo
List of Unclassifed Man...
TM50S116T-7G ETC2-TM50S116T-7G Datasheet
92Kb / 7P
SDRAM
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
128M bits SDRAM 128M bits SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com