Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N5915BP Datasheet (PDF) - Microsemi Corporation

1N5915BP Datasheet PDF - Microsemi Corporation
Part # 1N5915BP
Download  1N5915BP Download
File Size   226.8 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Axial-Leaded 1.5 Watt Zener Diodes

1N5915BP Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5915BP Datasheet PDF - Microsemi Corporation

Part # 1N5915BP
Download  1N5915BP Click to download

File Size   226.8 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Axial-Leaded 1.5 Watt Zener Diodes

1N5915BP Datasheet (HTML) - Microsemi Corporation


1N5915BP Product details

DESCRIPTION
The 1N5913-5956B series of 1.5 watt Zeners provides voltage regulation in a selection from 3.3 to 200 volts with different tolerances as identified by suffix letter on the part. These plastic encapsulated Zeners have moisture classification of Level 1 with no dry pack required. They are also available in various military screening levels by adding a prefix identifier as described in the Features below. The plastic molded Zeners with a P suffix provide a lower thermal resistance (junction to lead) compared to the optional glass body (G suffix) for these same JEDEC part numbers. Both package options are available by Microsemi. Microsemi also offers numerous other Zener products to meet higher or lower power and test-current applications.

FEATURES
• JEDEC registered 1N5913 to 1N5956B
• Zener voltage available 3.3V to 200V
• Standard voltage tolerances are plus/minus 5% with B suffix and 10 % with A suffix identification
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
• Options for screening in accordance with MIL-PRF- 19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers.
• Surface mount equivalents available as SMBJ5913 to SMBJ5956B or SMBG5913 to SMBG5956B
• Optional glass body axial-leaded Zeners available as 1N5913BG to 1N5956BG (see separate data sheet)

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Wide selection from 3.3 to 200 V
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD
• Moisture classification is Level 1 per IPC/JEDEC J-STD-020B with no dry pack required
• Specified capacitance (see Figure 3)




Similar Part No. - 1N5915BP

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5915B JGD-1N5915B Datasheet
157Kb / 2P
1.5W SILICON ZENER DIODE
logo
Microsemi Corporation
1N5915B MICROSEMI-1N5915B Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
logo
Central Semiconductor C...
1N5915B CENTRAL-1N5915B Datasheet
53Kb / 1P
ZENER DIODES
logo
Microsemi Corporation
1N5915B MICROSEMI-1N5915B Datasheet
227Kb / 3P
Axial-Leaded 1.5 Watt Zener Diodes
logo
Pan Jit International I...
1N5915B PANJIT-1N5915B Datasheet
457Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Similar Description - 1N5915BP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5913BG MICROSEMI-1N5913BG Datasheet
227Kb / 3P
Axial-Leaded 1.5 Watt Zener Diodes
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5917B ISC-1N5917B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5919B ISC-1N5919B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5922B AMMSEMI-1N5922B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5932B AMMSEMI-1N5932B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5933B AMMSEMI-1N5933B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5936B AMMSEMI-1N5936B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5938B AMMSEMI-1N5938B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5939B AMMSEMI-1N5939B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com