Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SKY-6400-R20A1 Datasheet (PDF) - Advantech Co., Ltd.

SKY-6400-R20A1 Datasheet PDF - Advantech Co., Ltd.
Part # SKY-6400-R20A1
Download  SKY-6400-R20A1 Download
File Size   951.08 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x8 and 1 x PCIe x4 Single-Deck Cards

SKY-6400-R20A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY-6400-R20A1 Datasheet PDF - Advantech Co., Ltd.

Part # SKY-6400-R20A1
Download  SKY-6400-R20A1 Click to download

File Size   951.08 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x8 and 1 x PCIe x4 Single-Deck Cards

SKY-6400-R20A1 Datasheet (HTML) - Advantech Co., Ltd.


SKY-6400-R20A1 Product details

Features
ƒ Processor: Dual 2nd Gen Intel® Xeon® scalable processors
ƒ Memory: 12 x DDR4 2666/2933 MHz ECC RDIMM/LRDIMM / Intel Optane
DC Persistent Memory, up to 2TB
ƒ Remote Management: IPMI function support
ƒ Expansion: Supporting 4 * PCIe x16 double-deck card + 1* PCIe x8
single-deck FH/HL card + 1*PCIe x4 card
ƒ PSU: 2000W 1+1 redundant power supply with 80 PLUS Platinum level
certification
ƒ Easy maintenance system fan: 3 x 12CM system fan with easy maintenance
feature




Similar Part No. - SKY-6400-R20A1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SKY-640-2R20A1 ADVANTECH-SKY-640-2R20A1 Datasheet
843Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4x PCIe x16 Double-Deck Cards Plus 3x PCIe x8 Single-Deck Cards
8-Feb-2023
SKY-640V2 ADVANTECH-SKY-640V2 Datasheet
843Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4x PCIe x16 Double-Deck Cards Plus 3x PCIe x8 Single-Deck Cards
8-Feb-2023
More results


Similar Description - SKY-6400-R20A1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AGS-910I-R11A1E ADVANTECH-AGS-910I-R11A1E Datasheet
773Kb / 2P
1U Rackmount Xeon E5-2600 / 2600 v2 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-913I-R11A1E ADVANTECH-AGS-913I-R11A1E Datasheet
958Kb / 2P
1U Rackmount Xeon E5-2600 v3 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-920I-R14A1E ADVANTECH-AGS-920I-R14A1E Datasheet
1Mb / 2P
2U Rackmount Intel Xeon E5-2600 / 2600 v2 GPU server, Supporting 4 x PCIe x16 double-deck card 1 x PCIe x8 FH/HL card
AGS-923I-R14A1E ADVANTECH-AGS-923I-R14A1E Datasheet
1Mb / 2P
2U Rackmount Intel Xeon E5-2600 v3 GPU server, Supporting 4 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
ASMB-FF208-02A1E ADVANTECH-ASMB-FF208-02A1E Datasheet
473Kb / 1P
Various Selections Supporting PCI, PCI-X, PCIe x1/x4/x8/x16
SKY-6100 ADVANTECH-SKY-6100 Datasheet
2Mb / 2P
1U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 1 x PCIe x16 Double-Deck FH/FL Cards or 5 x PCIe x16 Single-Deck Cards
11-Jan-2022
SKY-6200 ADVANTECH-SKY-6200 Datasheet
1Mb / 2P
2U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4 x PCIe x16 Double-Deck FH/FL Cards or 8 x PCIe x8 Single-Deck FH/FL Cards
11-Jan-2022
SKY-640V2 ADVANTECH-SKY-640V2 Datasheet
843Kb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 4x PCIe x16 Double-Deck Cards Plus 3x PCIe x8 Single-Deck Cards
8-Feb-2023
SKY-6420 ADVANTECH-SKY-6420 Datasheet
2Mb / 2P
4U Rackmount Intel® Xeon® Scalable GPU Server, Supporting 10 x PCIe x16 Double-Deck Cards Plus 1 x PCIe x16 and 1 x PCIe x8 Single-Deck Cards
19-Jan-2023
ASMB-622 ADVANTECH-ASMB-622 Datasheet
558Kb / 2P
Dual LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16 DDR4, 4 PCIe x16, 3 PCIe x8, 1 PCIe x4, 5 SATA3, 4 USB3.0, IPMI
22-Jul-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com