Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSS84 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

BSS84 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # BSS84
Download  BSS84 Download
File Size   2379.62 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Mosfet

BSS84 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS84 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # BSS84
Download  BSS84 Click to download

File Size   2379.62 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Mosfet

BSS84 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


BSS84 Product details

Product Summary
• Vos -50V
• lo -0.13A
• RDS(ON)(at VGS=-10V) <5 mohm
• RDS(ON)( at VGs=-4.5V) <6mohm





Similar Part No. - BSS84

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS84 PHILIPS-BSS84 Datasheet
89Kb / 12P
P-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
logo
Siemens Semiconductor G...
BSS84 SIEMENS-BSS84 Datasheet
73Kb / 7P
SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
logo
Fairchild Semiconductor
BSS84 FAIRCHILD-BSS84 Datasheet
139Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
BSS84 CET-BSS84 Datasheet
468Kb / 5P
P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
BSS84 DIODES-BSS84 Datasheet
48Kb / 2P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30149 Rev. 5 - 2
More results


Similar Description - BSS84

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com