Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOZ23655QI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ23655QI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ23655QI
Download  AOZ23655QI Download
File Size   3989.69 Kbytes
Page   21 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 28V/18A VID Control Synchronous EZBuckTM Regulator

AOZ23655QI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ23655QI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ23655QI
Download  AOZ23655QI Click to download

File Size   3989.69 Kbytes
Page   21 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 28V/18A VID Control Synchronous EZBuckTM Regulator

AOZ23655QI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ23655QI Product details

General Description
The AOZ23655QI is a high-efficiency, easy-to-use DC/DC
synchronous buck regulators capable of operation from a 4V
to 28V input bus. The device is capable of supplying 18A of
continuous output current with an output voltage adjustment
from 0V to 1.8V by controlling VID0 and VID1 signals.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over the
entire input voltage range.
The devices feature multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection, and
thermal shutdown.
The AOZ23655QI is available in a 5mm×5mm QFN-31L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
• Wide input voltage range
- 4V to 28V
• Support Intel ITDC up to 18A
• Support Intel ICCMAX up to 45A
• 2 bits programmable output voltage adjustable from 0V
to 1.8V
• Integrated high performance trench MOSFETs capable of :
- High peak current
- Up to 90A with 10ms on pulse
- Up to 120A with 10μs on pulse
- High efficiency ceramic capacitor stable
- 6.5mΩ high-side
- 3mΩ low-side
• Constant On-Time with input feed-forward
• Programmable frequency up to 2.6μs
• Selectable PFM light load operation
• Adjustable load-line compensation
• High accuracy current monitor
• Remote sense
• Ceramic capacitor stable
• Fixed soft start
• Power Good output
• Integrated bootstrap diode
• Cycle-by-cycle current limit
• Short-circuit protection
• Over voltage protection
• Thermal shutdown
• Thermally enhanced 31-pin 5m×5m QFN

Applications
• Portable computers
• Compact desktop PCs
• Servers
• Networking equipment




Similar Part No. - AOZ23655QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ23645QI AOSMD-AOZ23645QI Datasheet
3Mb / 19P
28V/16A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2366QI AOSMD-AOZ2366QI Datasheet
1Mb / 18P
28V/20A Synchronous EZBuckTM Regulator
Rev. 1.2 June 2021
AOZ2366QI-04 AOSMD-AOZ2366QI-04 Datasheet
2Mb / 19P
28V/22A Synchronous EZBuckTM Regulator
Rev. 1.1 November 2021
AOZ2367QI-11 AOSMD-AOZ2367QI-11 Datasheet
1Mb / 18P
24V/20A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
AOZ2368QI-11 AOSMD-AOZ2368QI-11 Datasheet
1Mb / 18P
24V/25A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
More results


Similar Description - AOZ23655QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1233QI-01 AOSMD-AOZ1233QI-01 Datasheet
793Kb / 17P
28V/8A Synchronous EZBuckTM Regulator
AOZ1236QI-01 AOSMD-AOZ1236QI-01 Datasheet
818Kb / 16P
28V/6A Synchronous EZBuckTM Regulator
AOZ2261QI-10 AOSMD-AOZ2261QI-10 Datasheet
954Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2263VQI-01 AOSMD-AOZ2263VQI-01 Datasheet
4Mb / 21P
28V/12A VID Control Synchronous EZBuckTM Regulator
Rev 2.0 December 2020
AOZ2263VQI-02 AOSMD-AOZ2263VQI-02 Datasheet
1Mb / 21P
28V/12A VID Control Synchronous EZBuckTM Regulator
Rev 2.0 December 2020
AOZ2264VQI AOSMD-AOZ2264VQI Datasheet
2Mb / 19P
28V/16A VID Control Synchronous EZBuckTM Regulator
Rev. 3.0 July 2021
AOZ2369VQI AOSMD-AOZ2369VQI Datasheet
1Mb / 20P
28V/30A VID Control Synchronous EZBuckTM Regulator
Rev 1.0 December 2020
AOZ22645QI AOSMD-AOZ22645QI Datasheet
2Mb / 19P
28V/16A VID Control Synchronous EZBuckTM Regulator
Rev. 1.1 October 2022
AOZ23645QI AOSMD-AOZ23645QI Datasheet
3Mb / 19P
28V/16A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ23695QI AOSMD-AOZ23695QI Datasheet
4Mb / 21P
28V/25A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 January 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com