Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPLK80R900P7 Datasheet (PDF) - Infineon Technologies AG

IPLK80R900P7 Datasheet PDF - Infineon Technologies AG
Part # IPLK80R900P7
Download  IPLK80R900P7 Download
File Size   1800.53 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 800V CoolMOSª P7 Power Device

IPLK80R900P7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPLK80R900P7 Datasheet PDF - Infineon Technologies AG

Part # IPLK80R900P7
Download  IPLK80R900P7 Click to download

File Size   1800.53 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 800V CoolMOSª P7 Power Device

IPLK80R900P7 Datasheet (HTML) - Infineon Technologies AG


IPLK80R900P7 Product details

Features
• Best-in-class FOM RDS(on) * Eoss; reduced Qg, Ciss, and Coss
• Best-in-class DPAK RDS(on)
• Best-in-class V(GS)th of 3V and smallest V(GS)th variation of ±0.5V
• Integrated Zener Diode ESD protection
• Fully optimized portfolio




Similar Part No. - IPLK80R900P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPLK80R1K2P7 INFINEON-IPLK80R1K2P7 Datasheet
1Mb / 13P
800V CoolMOSª P7 Power Device
Rev. 2.1, 2021-07-23
IPLK80R1K4P7 INFINEON-IPLK80R1K4P7 Datasheet
1Mb / 13P
800V CoolMOS짧 P7 Power Device
Rev. 2.1, 2021-07-23
IPLK80R2K0P7 INFINEON-IPLK80R2K0P7 Datasheet
1Mb / 13P
800V CoolMOSª P7 Power Device
Rev. 2.1, 2021-07-23
IPLK80R600P7 INFINEON-IPLK80R600P7 Datasheet
1Mb / 13P
MOSFET 800V CoolMOS짧 P7 Power Device
Rev. 2.1, 2021-07-23
IPLK80R750P7 INFINEON-IPLK80R750P7 Datasheet
1Mb / 13P
800V CoolMOSª P7 Power Device
Rev. 2.1, 2021-07-23
More results


Similar Description - IPLK80R900P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPLK80R1K4P7 INFINEON-IPLK80R1K4P7 Datasheet
1Mb / 13P
800V CoolMOS짧 P7 Power Device
Rev. 2.1, 2021-07-23
IPA60R160P7 INFINEON-IPA60R160P7 Datasheet
1Mb / 14P
600V CoolMOSª P7 Power Device
IPLK80R1K2P7 INFINEON-IPLK80R1K2P7 Datasheet
1Mb / 13P
800V CoolMOSª P7 Power Device
Rev. 2.1, 2021-07-23
IPLK80R2K0P7 INFINEON-IPLK80R2K0P7 Datasheet
1Mb / 13P
800V CoolMOSª P7 Power Device
Rev. 2.1, 2021-07-23
IPLK80R750P7 INFINEON-IPLK80R750P7 Datasheet
1Mb / 13P
800V CoolMOSª P7 Power Device
Rev. 2.1, 2021-07-23
IPA95R1K2P7 INFINEON-IPA95R1K2P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2020-01-30
IPA95R750P7 INFINEON-IPA95R750P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2020-01-31
IPN95R1K2P7 INFINEON-IPN95R1K2P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.0, 2018-06-01
IPN95R3K7P7 INFINEON-IPN95R3K7P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.0, 2018-06-01
IPU95R2K0P7 INFINEON-IPU95R2K0P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.1, 2022-01-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com