Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SA1648 Datasheet (PDF) - Renesas Technology Corp

2SA1648 Datasheet PDF - Renesas Technology Corp
Part # 2SA1648
Download  2SA1648 Download
File Size   345.38 Kbytes
Page   2002 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

2SA1648 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1648 Datasheet PDF - Renesas Technology Corp

Part # 2SA1648
Download  2SA1648 Click to download

File Size   345.38 Kbytes
Page   2002 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

2SA1648 Datasheet (HTML) - Renesas Technology Corp


2SA1648 Product details

PNP SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING

DESCRIPTION
The 2SA1648 is a mold power transistor developed for high-speed
switching and features a very low collector-to-emitter saturation
voltage.
This transistor is ideal for use in switching regulators, DC/DC
converters, motor drivers, solenoid drivers, and other low-voltage
power supply devices, as well as for high-current switching.
FEATURES
• Available for high-current control in small dimension
• Z type is a lead processed product and is deal for mounting a
hybrid IC.
• Mold package that does not require an insulating board or
insulation bushing.
• Low collector saturation voltage:
VCE(sat)1 = −0.3 V MAX. (IC = −3.0 A)
• Fast switching speed:
tf = 0.3 μs MAX. (IC = −3.0 A)
• High DC current gain and excellent linearity




Similar Part No. - 2SA1648

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1648 NEC-2SA1648 Datasheet
156Kb / 5P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SA1648 ISC-2SA1648 Datasheet
276Kb / 2P
isc Silicon PNP Power Transistor
logo
NEC
2SA1648-Z NEC-2SA1648-Z Datasheet
156Kb / 5P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SA1648-Z ISC-2SA1648-Z Datasheet
245Kb / 2P
isc Silicon PNP Power Transistor
2SA1648A ISC-2SA1648A Datasheet
290Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SA1648

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
Silicon Power Transistor
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
SILICON POWER TRANSISTOR
2SA1412-Z RENESAS-2SA1412-Z Datasheet
785Kb / 6P
SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
SILICON POWER TRANSISTOR
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
SILICON POWER TRANSISTOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com