Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BU27034NUC Datasheet (PDF) - Rohm

BU27034NUC Datasheet PDF - Rohm
Part # BU27034NUC
Download  BU27034NUC Download
File Size   915.11 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Digital 16 bit Serial Output Type Ambient Light Sensor IC

BU27034NUC Datasheet (PDF)

Go To PDF Page Download Datasheet
BU27034NUC Datasheet PDF - Rohm

Part # BU27034NUC
Download  BU27034NUC Click to download

File Size   915.11 Kbytes
Page   17 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Digital 16 bit Serial Output Type Ambient Light Sensor IC

BU27034NUC Datasheet (HTML) - Rohm


BU27034NUC Product details

General Description
BU27034NUC is a digital Ambient Light Sensor IC with
I2C bus interface. This IC is most suitable for obtaining
ambient light data for adjusting LCD and backlight power
of TV and mobile phone. It is capable of detecting a very
wide range of illuminance.

Features
◼ Built-in IR Cut Filter
◼ 3 outputs with Different Spectral Response
◼ Correspond to Dark Window because of High
Sensitivity
◼ Rejecting 50 Hz/60 Hz Light Noise
◼ I2C Bus Interface (f/s mode support)
◼ Correspond to both 1.2 V and 1.8 V Logic Interface
◼ Resolution 0.000016 lx/count (Typ)
(In highest gain and longest measurement time setting)

Applications
Mobile Phone, Tablet PC, Note PC, Portable Game
Machine, LCD TV, Digital Camera




Similar Part No. - BU27034NUC

ManufacturerPart #DatasheetDescription
logo
Rohm
BU27034ANUC ROHM-BU27034ANUC Datasheet
894Kb / 18P
Digital 16 bit Serial Output Type Ambient Light Sensor IC
14.Feb.2024 Rev.001
BU27034ANUC-E2 ROHM-BU27034ANUC-E2 Datasheet
894Kb / 18P
Digital 16 bit Serial Output Type Ambient Light Sensor IC
14.Feb.2024 Rev.001
More results


Similar Description - BU27034NUC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_10 Datasheet
400Kb / 17P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI_10 Datasheet
399Kb / 18P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com