Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEP-HS4 Datasheet (PDF) - TRACO Electronic AG

TEP-HS4 Datasheet PDF - TRACO Electronic AG
Part # TEP-HS4
Download  TEP-HS4 Download
File Size   866.41 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEP 40UIR Series, 40 Watt

TEP-HS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEP-HS4 Datasheet PDF - TRACO Electronic AG

Part # TEP-HS4
Download  TEP-HS4 Click to download

File Size   866.41 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEP 40UIR Series, 40 Watt

TEP-HS4 Datasheet (HTML) - TRACO Electronic AG


TEP-HS4 Product details

• Ultra-wide 12:1 input voltage range
9–75, 14–160 VDC
• Compact 2.3”x1.45”x0.5” standard
package (quarter brick)
• Bus pin to easily extend hold-up time
• EN 50155 and EN 61373 approval for
railway applications
• Qualification for fire behavior according
to EN 45545-2
• Operating temperature range
–40°C to +85°C
• I/O-isolation 3‘000 VAC
• High efficiency up to 91%
• Adjustable output voltage, Remote
On/Off and adjustable under voltage
lockout
• 3 year product warranty




Similar Part No. - TEP-HS4

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEP-HS4 TRACOPOWER-TEP-HS4 Datasheet
246Kb / 1P
Heat Sink
Rev. November 30, 2022
TEP-HS4 TRACOPOWER-TEP-HS4 Datasheet
967Kb / 6P
TEP 100UIR Series, 100 Watt
Rev. November 30, 2022
TEP-HS4 TRACOPOWER-TEP-HS4 Datasheet
866Kb / 5P
TEP 60UIR Series, 60 Watt
Rev. November 30, 2022
More results


Similar Description - TEP-HS4

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEP100CM TRACOPOWER-TEP100CM Datasheet
1Mb / 5P
TEP 100CM Series, 100 Watt
Rev. March 16, 2023
TEP100WIRCMF TRACOPOWER-TEP100WIRCMF Datasheet
1Mb / 5P
TEP 100WIRCMF Series, 100 Watt
Rev. March 16, 2023
TEP160 TRACOPOWER-TEP160 Datasheet
1Mb / 5P
TEP 160 Series, 160 Watt
Rev. November 30, 2022
TEP160CMF TRACOPOWER-TEP160CMF Datasheet
1Mb / 5P
TEP 160CMF Series, 160 Watt
Rev. March 16, 2023
TEP160WIR TRACOPOWER-TEP160WIR Datasheet
1Mb / 5P
TEP 160WIR Series, 160 Watt
Rev. November 30, 2022
TEP160WIRCM TRACOPOWER-TEP160WIRCM Datasheet
1Mb / 6P
TEP 160WIRCM Series, 160 Watt
Rev. November 30, 2022
TEP160WIRCMF TRACOPOWER-TEP160WIRCMF Datasheet
1Mb / 5P
TEP 160WIRCMF Series, 160 Watt
Rev. November 30, 2022
TEP200UIR TRACOPOWER-TEP200UIR Datasheet
1,007Kb / 5P
TEP 200UIR Series, 200 Watt
Rev. January 23, 2023
TEP200WIR TRACOPOWER-TEP200WIR Datasheet
1Mb / 5P
TEP 200WIR Series, 200 Watt
Rev. November 30, 2022
TEP75WICMF TRACOPOWER-TEP75WICMF Datasheet
1Mb / 5P
TEP 75WICMF Series, 75 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com