Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S12X9SECV1 Datasheet (PDF) - NXP Semiconductors

S12X9SECV1 Datasheet PDF - NXP Semiconductors
Part # S12X9SECV1
Download  S12X9SECV1 Download
File Size   1599.43 Kbytes
Page   152 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC9S12XDP512 Device User Guide

S12X9SECV1 Datasheet (PDF)

Go To PDF Page Download Datasheet
S12X9SECV1 Datasheet PDF - NXP Semiconductors

Part # S12X9SECV1
Download  S12X9SECV1 Click to download

File Size   1599.43 Kbytes
Page   152 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC9S12XDP512 Device User Guide

S12X9SECV1 Datasheet (HTML) - NXP Semiconductors


S12X9SECV1 Product details

Features
HCS12X Core
– 16-bit HCS12X CPU
i. Upward compatible with MC9S12 instruction set
ii. Interrupt stacking and programmer’s model identical to MC9S12
iii. Instruction queue
iv. Enhanced indexed addressing
v. Enhanced instruction set
– EBI (External Bus Interface)
– MMC (Module Mapping Control)
– INT (Interrupt Controller)
– DBG (Debug module to monitor HCS12X CPU and XGATE bus activity)
– BDM (Background Debug Mode)
• XGATE
– Peripheral Co-Processor
– Parallel processing module offloads the CPU by providing high speed data processing transfer
between peripheral modules, RAM and I/O ports
• PIT Periodic Interrupt Timer
– Four Timers with independent time-out periods
– Time-out periods selectable between 1 and 224 bus clock cycles
• CRG
– Low Noise/Low Power Pierce oscillator
– PLL
– COP watchdog
– Real time interrupt
– Clock Monitor
– Fast Wake-up from Stop Mode
• 8-bit ports with interrupt functionality
– Digital filtering
– Programmable rising or falling edge trigger
• Memory
– 512K Flash EEPROM
– 4K byte EEPROM
– 20K byte RAM
• One 8-channel and one 16 channel Analog-to-Digital Converter
– 10-bit resolution
– External conversion trigger capability
• Five 1M bit per second, CAN 2.0 A, B software compatible modules
– Five receive and three transmit buffers
– Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
– Four separate interrupt channels for Rx, Tx, error and wake-up
– Low-pass filter wake-up function
– Loop-back for self test operation
• Enhanced Capture Timer
– 16-bit main counter with 7-bit prescaler
– 8 programmable input capture or output compare channels
– Four 8-bit or two 16-bit pulse accumulators
• 8 PWM channels
– Programmable period and duty cycle
– 8-bit 8-channel or 16-bit 4-channel
– Separate control for each pulse width and duty cycle
– Center-aligned or left-aligned outputs
– Programmable clock select logic with a wide range of frequencies
– Fast emergency shutdown input
– Usable as interrupt inputs
• Serial interfaces
– Six asynchronous Serial Communication Interfaces (SCI) with additional LIN support and
selectable IrDA 1.4 return-to-zero-inverted (RZI) format with programmable pulse widths
– Three Synchronous Serial Peripheral Interfaces (SPI)
• Two Inter-IC Bus modules (IIC)
– Compatible with I2C Bus standard
– Multi-master operation
– Software programmable for one of 256 different serial clock frequencies
• On chip Voltage Regulator
– Two parallel, linear voltage regulators with bandgap reference
– Low Voltage detect (LVD) with Low Voltage Interrupt (LVI)
– Power On Reset (POR) circuit
– 3.3V - 5.5V operation
– Low Voltage Reset (LVR)
– Ultra Low Power Wake-up Timer
• 144 Pin LQFP, 112-Pin LQFP package and 80-Pin QFP package
– I/O lines with 5V input and drive capability
– Input threshold on external bus interface inputs switchable for 3.3V or 5V operation
– 5V A/D converter inputs
– Operation at 80MHz equivalent to 40MHz Bus Speed
• Development support
– Single-wire background debug™ mode (BDM)
– 4 on-chip hardware breakpoints




Similar Part No. - S12X9SECV1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S12X9SECV2 NXP-S12X9SECV2 Datasheet
1Mb / 176P
MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
S12X9SECV2D NXP-S12X9SECV2D Datasheet
1Mb / 176P
MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
More results


Similar Description - S12X9SECV1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
Device User Guide
logo
Freescale Semiconductor...
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
Device User Guide V01.09
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
Device User Guide
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
Device User Guide V03.07
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
Device User Guide V01.18
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
Device User Guide
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
MC9S12DJ64 Device User Guide
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
Device User Guide
logo
NXP Semiconductors
9S12XDP512DGV2 NXP-9S12XDP512DGV2 Datasheet
1Mb / 176P
MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com