Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M30245FCGP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M30245FCGP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M30245FCGP
Download  M30245FCGP Download
File Size   98.09 Kbytes
Page   13 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30245FCGP Datasheet (PDF)

Go To PDF Page Download Datasheet
M30245FCGP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M30245FCGP
Download  M30245FCGP Click to download

File Size   98.09 Kbytes
Page   13 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30245FCGP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M30245FCGP Product details

Description

The M30245 group is a 16-bit microcomputer based on the M16C family core technology that uses the high performance silicon gate CMOS process with an M16C/62 Series CPU core, and is packaged in a 100-pin, molded plastic QFP. They are single-chip USB peripheral microcontrollers meeting the Universal Serial Bus (USB) Version 1.1 specification. These microcontrollers operate using sophisticated instructions featuring a high level of instruction efficiency, making them capable of executing instructions at high speed.





Features

• Number of instructions ........................ 91

• Shortest instruction execution time ..... 83ns f(XIN)=12MHz, Vcc=3V with no wait

• USB Features:..................................... 5 endpoint pairs (IN/OUT)

                                           3.25K FIFO

                                             Integrated transceiver

                                         Conforms to USB V1.1 Specification

• Frequency Synthesizer........................ PLL for 48MHz clock

• Memory capacity................................. 64KROM/5KRAM

                                              128K ROM / 10K RAM

                                              128K Flash /10K RAM

• Supply Voltage .................................... 3.0 to 3.6V (f(XIN)=12MHz)

• Interrupts............................................. 21 internal and 5 external interruptsources

                                            4 software interrupt sources

                                        7 levels (including key input interrupt X 8)

• Multifunction 16-bit timer ..................... 5 output timers+ 3 input timers

• UART................................................... 3X7/8/9,2X7/8/9/16/24/32bits;

                    Configurable for synchronous or asynchronous mode, I2S, I2C

• DMAC.................................................. 4 channels

• A-D Converter ..................................... 10 bits X 8 channels

• CRC calculation circuit........................ 2 circuits with MSB/LSB selectable

• Watchdog timer ................................... 1 line

• Key-on Wake up .................................. 8 inputs

• Programmable I/O............................... 84 lines (TBD)

• Clock-generating circuit....................... 2 built-in clock generation circuit

(built-in feedback resistor, and external ceramic or quartz oscillator)




Similar Part No. - M30245FCGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30245FCGP RENESAS-M30245FCGP Datasheet
2Mb / 266P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Similar Description - M30245FCGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com