Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7825R Datasheet (PDF) - Belden Inc.

7825R Datasheet PDF - Belden Inc.
Part # 7825R
Download  7825R Download
File Size   144.31 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description SMPTE Electrical Camera Breakout Cable, 2 Conductor 16 AWG, 2 Conductor 22 AWG, CMR

7825R Datasheet (PDF)

Go To PDF Page Download Datasheet
7825R Datasheet PDF - Belden Inc.

Part # 7825R
Download  7825R Click to download

File Size   144.31 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description SMPTE Electrical Camera Breakout Cable, 2 Conductor 16 AWG, 2 Conductor 22 AWG, CMR

7825R Datasheet (HTML) - Belden Inc.


7825R Product details

Product Description
SMPTE HD Composite, Electrical Camera Breakout Cable, 2 Stranded Conductor (19x29) 16 AWG and 2 Stranded Conductor (7x30) 22 AWG, TC Braid
Shield (95% coverage), PVC Jacket, CMR




Similar Part No. - 7825R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
78250 CANDD-78250 Datasheet
130Kb / 2P
Converter Transformers
logo
Murata Power Solutions ...
78250 MURATA-PS-78250 Datasheet
98Kb / 3P
MAX250/MAX251 Compatible Converter Transformers
78250 MURATA-PS-78250 Datasheet
146Kb / 5P
MAX250/MAX251 Compatible Converter Transformers
2021
logo
Murata Manufacturing Co...
78250C MURATA-78250C Datasheet
146Kb / 3P
MAX250 Compatible Converter Transformers
logo
Murata Power Solutions ...
78250C MURATA-PS-78250C Datasheet
146Kb / 5P
MAX250/MAX251 Compatible Converter Transformers
2021
More results


Similar Description - 7825R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7804C BELDEN-7804C Datasheet
315Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 2 Conductor 16 AWG,Belflex® Jacket, CMR
12-19-2022
7804P BELDEN-7804P Datasheet
321Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, Flamarrest® Jacket
11-09-2022
7804R BELDEN-7804R Datasheet
317Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, Belflex® Jacket, CMR
12-19-2022
7817A BELDEN-7817A Datasheet
142Kb / 2P
SMPTE 311M Double Jacket, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG
11-09-2022
7818A BELDEN-7818A Datasheet
326Kb / 3P
Harsh Environment SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 4 Conductor 20 AWG, Polyurethane Jacket
12-19-2022
7825P BELDEN-7825P Datasheet
146Kb / 2P
SMPTE Electrical Camera Breakout Cable, 2 Conductor 16 AWG, 2 Conductor 22 AWG, CMP
11-09-2022
5200FH BELDEN-5200FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, CMR
04-13-2023
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5200FE BELDEN-5200FE Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, Shielded, CMR
04-13-2023
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com