Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0510GN-25-CP Datasheet (PDF) - Microsemi Corporation

0510GN-25-CP Datasheet PDF - Microsemi Corporation
Part # 0510GN-25-CP
Download  0510GN-25-CP Download
File Size   736.95 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 25 Watts • 50 VoltsPulsed & CW 50MHz-1GHz Broadband GaN Amplifier Ceramic SMT Package

0510GN-25-CP Datasheet (PDF)

Go To PDF Page Download Datasheet
0510GN-25-CP Datasheet PDF - Microsemi Corporation

Part # 0510GN-25-CP
Download  0510GN-25-CP Click to download

File Size   736.95 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 25 Watts • 50 VoltsPulsed & CW 50MHz-1GHz Broadband GaN Amplifier Ceramic SMT Package

0510GN-25-CP Datasheet (HTML) - Microsemi Corporation


0510GN-25-CP Product details

GENERAL DESCRIPTION
The 0510GN-25-CP is a COMMON SOURCE, class-AB, GaN on SiC HEMT transistor amplifier for 50MHz-1GHz broadband pulsed and CW RF power applications. The transistor is housed in a Ceramic SMT package with high-thermal conductivity to provide superior electrical and thermal performance with excellent reliability & ruggedness.

FEATURES:
 Wide-band 50MHz-1GHz general purpose driver applications
 Single lumped-element Broadband application circuit
 Ideal for Pulsed Radar, Avionics, ISM, and CW Communication
 Commercial & Military Applications
 25 W Pulsed/CW Psat, 16 dB Power Gain and 50 % Drain Efficiency
 Low-cost Ceramic SMT package with excellent RF & Thermal performance, reliability & ruggedness
 50V Bias Operation with high breakdown voltage




Similar Part No. - 0510GN-25-CP

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0510-011-7006 TEC-0510-011-7006 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
GHz Technology
0510-50A GHZTECH-0510-50A Datasheet
290Kb / 2P
50 Watts, 28 Volts, Class AB Defcom 500 - 1000 MHz
logo
NXP Semiconductors
0510-50A NXP-0510-50A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Molex Electronics Ltd.
0510040200 MOLEX7-0510040200 Datasheet
114Kb / 2P
2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 2 Circuits
0510040300 MOLEX7-0510040300 Datasheet
114Kb / 2P
2.00mm (.079") Pitch MicroBlade??Wire-to-Board Housing, Friction Lock, 5.80mm(.228") Height, 3 Circuits
More results


Similar Description - 0510GN-25-CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS800 ETC-TCS800 Datasheet
19Kb / 2P
800 Watts, 50 Volts, Pulsed Avionics 1030 MHz
JTDB25 ETC-JTDB25 Datasheet
110Kb / 2P
25 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
logo
GHz Technology
0912-25 GHZTECH-0912-25 Datasheet
299Kb / 3P
25 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Microsemi Corporation
JTDB25 MICROSEMI-JTDB25 Datasheet
187Kb / 3P
25 Watts, 36 Volts, Pulsed Avionics, 960-1215 MHz
MDS70 MICROSEMI-MDS70 Datasheet
137Kb / 5P
70 Watts, 50 Volts, Pulsed Avionics 1030 - 1090MHz
logo
M/A-COM Technology Solu...
MAGX-000035-01000P-V2 MA-COM-MAGX-000035-01000P-V2 Datasheet
1Mb / 10P
GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
MAGX-000040-00500P-V2 MA-COM-MAGX-000040-00500P-V2 Datasheet
1Mb / 10P
GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
MAGX-000035-01000P MA-COM-MAGX-000035-01000P_15 Datasheet
1Mb / 10P
GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
MAGX-000040-00500P MA-COM-MAGX-000040-00500P_15 Datasheet
1Mb / 10P
GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
Broadband 25 Watt GaN Power Amplifier
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com