Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N6024BUR Datasheet (PDF) - Microsemi Corporation

1N6024BUR Datasheet PDF - Microsemi Corporation
Part # 1N6024BUR
Download  1N6024BUR Download
File Size   397.14 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Surface Mount 500 mW Zener Diodes

1N6024BUR Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6024BUR Datasheet PDF - Microsemi Corporation

Part # 1N6024BUR
Download  1N6024BUR Click to download

File Size   397.14 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Surface Mount 500 mW Zener Diodes

1N6024BUR Datasheet (HTML) - Microsemi Corporation


1N6024BUR Product details

DESCRIPTION
The popular 1N5985BUR-1 thru 1N6031BUR-1 series of 0.5 watt Zener voltage regulators provides a selection from 2.4 to 200 volts in 10%, 5%, 2% and 1% tolerances. These glass surface mount DO-213AA Zeners are also available in various military equivalent screening levels by adding a prefix identifier as described in the “part nomenclature” section. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• Surface mount equivalents to JEDEC registered 1N5985 to 1N6031 series.
• Similar to operating current conditions of the BZX55 Pro Electron series of Zener products in Europe.
• Multiple voltage tolerances are available (see part nomenclature).
• Internal metallurgical bonds.
• High-reliability screened equivalents in reference to MIL-PRF-19500 are available.
• RoHS compliant versions available (commercial grade only).

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range.
• Extensive selection from 2.4 to 200 volts.
• Non-sensitive to ESD (MIL-STD-750, method 1020).
• Minimal capacitance (see Figure 2).
• Inherently radiation hard as described in Microsemi “MicroNote 050”.




Similar Part No. - 1N6024BUR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N6024B FAIRCHILD-1N6024B Datasheet
145Kb / 5P
Zeners
logo
Yea Shin Technology Co....
1N6024B YEASHIN-1N6024B Datasheet
1Mb / 9P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Similar Description - 1N6024BUR

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
500 mW ZENER DIODES
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
SILICON 500 mW ZENER DIODES
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
SILICON 500 mW ZENER DIODES
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
Silicon 500 mW Zener Diodes
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
500 mW GLASS SURFACE MOUNT ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com